Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAM8403 Datasheet(PDF) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # PAM8403
Description  Filterless 3W Class-D Stereo Audio Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

PAM8403 Datasheet(HTML) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  PAM8403 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. PAM8403 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Electrical Characteristic (Continued)
V =5V Gain=24dB, R =8 , T =25
, unless otherwise noted.
DD
L
A
Ω°C
PAM8403
Filterless 3W Class-D Stereo Audio Amplifier
Symbol
Parameter
Test Conditions
MIN
TYP
MAX
UNIT
IMUTE
Muting Current
VDD=5.0V
VMUTE=0.3V
3.5
mA
ISD
Shutdown Current
VDD=2.5V to 5.5V
Vsd=0.3V
<1
μA
PMOS
180
Rdson
Static Drain-to-source On-state
Resistor
IDS=500mA,Vgs=5V
NMOS
140
fsw
Switching Frequency
VDD=3V to 5V
260
kHz
Vos
Output Offset Voltage
Vin=0V, VDD=5V
10
mV
VIH
Enable Input High Voltage
VDD=5.0V
1.5
1.4
VIL
Enable
Input Low Voltage
VDD=5.0V
0.7
0.4
V
VIH
MUTE Input High Voltage
VDD=5.0V
1.5
1.4
VIL
MUTE Input Low Voltage
VDD=5.0V
0.7
0.4
V
OTP
Over Temperature Protection
140
OTH
Over Temperature Hysterisis
No Load, Junction Temperature
VDD=5V
30
°C
www.chinaelite.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com