Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RV4145AM Datasheet(PDF) 8 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # RV4145AM
Description  Low Power Ground Fault Interrupter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

RV4145AM Datasheet(HTML) 8 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button RV4145AM Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AM Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AM Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AM Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AM Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AM Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AM Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AM Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. RV4145AM Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
RV4145A
Low Power Ground Fault Interrupter
www.artschip.com
8
Mechanical Dimensions
8-Lead Plastic DIP Package
Inches
Millimeters
Symbol
Min.
Max.
Min.
Max.
Notes
A
-
.210
-
5.33
A1
.015
-
.38
-
A2
.115
.195
2.93
4.95
B
.014
.022
.36
.56
B1
.045
.070
1.14
1.78
C
.008
.015
.20
.38
4
D
.348
.430
8.84
10.92
2
D1
.005
-
.13
-
E
.300
.325
7.62
8.26
E1
.240
.280
6.10
7.11
2
e
.100 BSC
2.54 BSC
eB
-
.430
-
10.92
L
.115
.160
2.92
4.06
N
8˚
8˚
5
Notes:
1.
Dimensioning and tolerancing per ANSI Y14.5M-1982.
2.
“D” and “E1” do not include mold flashing. Mold flash or protrusions shall not exceed .010 inch (0.25mm).
3.
Terminal numbers are for reference only.
4.
“C” dimension does not include solder finish thickness.
5.
Symbol “N” is the maximum number of terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com