Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC33001ACSTRT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC33001ACSTRT
Description  3A Low VIN Ultra-Low Rdson Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC33001ACSTRT Datasheet(HTML) 1 Page - Semtech Corporation

  SC33001ACSTRT Datasheet HTML 1Page - Semtech Corporation SC33001ACSTRT Datasheet HTML 2Page - Semtech Corporation SC33001ACSTRT Datasheet HTML 3Page - Semtech Corporation SC33001ACSTRT Datasheet HTML 4Page - Semtech Corporation SC33001ACSTRT Datasheet HTML 5Page - Semtech Corporation SC33001ACSTRT Datasheet HTML 6Page - Semtech Corporation SC33001ACSTRT Datasheet HTML 7Page - Semtech Corporation SC33001ACSTRT Datasheet HTML 8Page - Semtech Corporation SC33001ACSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Final Datasheet
POWER MANAGEMENT

SC33001A/SC33001AH
3A Low V
IN Ultra-Low Rdson Load Switch
Features
Input voltage range — .7V to 5.5V
3A continuous output current
Ultra-Low Rdson — 9mΩ
Constant Rdson over wide V
IN range
Device Options
SC3300A — Slow turn on slew and with auto-
matic output discharge
SC3300AH — Slow turn on slew with no
output discharge circuit
Typical current limit 6A
Minimum current limit 3A
Typical foldback current limit 2A
Over temperature protection
Low shutdown current
Low quiescent current
Package: CSP — 0.9mm x .4mm , 0.5mm Pitch
Applications
Battery powered equipment
Smart Phones/Tablet PCs
Consumer electronics
STB/Audio/Video
Industrial/Network equipment
Other Portable Devices
•
•
Description
The SC3300A/AH are a family of an ultra-low Rdson load
switch optimized for use in battery powered applications.
This family of devices support up to 3A continuous output
current. Sophisticated integrated circuitry maximizes
Vgs of the power NMOS to minimize Rdson resistance
over a wide range of operating conditions.
The device provides a controlled soft-start to limit inrush
current. SC3300A features an automatic discharge
circuit which discharges the output when the SC3300A is
disabled. SC3300AH does not include the automatic
output discharge circuitry.
SC3300A/AH family has integrated current limit and over
temperature to prevent the device from failure when
down stream circuitry is at low impedance fault
conditions.
The SC3300A/AH are offered in an ultra small 6-bump
0.9mm x .4mm Chip Scale Package (CSP) which enables
very small board area implementations. The SC3300A/
SC3300AH has an operating temperature range of -400C
to +850C.
Typical Application Circuit
Rev. 2.
LOAD
SUPPLY
VOUT
EN
GND
EN
VIN
22µF
22µF
SC33001A
SC33001AH


Similar Part No. - SC33001ACSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC33020H SEMTECH-SC33020H Datasheet
1Mb / 15P
2A Load Switch with Reverse Current Blocking
SC33020HCSEVB SEMTECH-SC33020HCSEVB Datasheet
1Mb / 15P
2A Load Switch with Reverse Current Blocking
SC33020HCSTRT SEMTECH-SC33020HCSTRT Datasheet
1Mb / 15P
2A Load Switch with Reverse Current Blocking
SC3303 SEMTECH-SC3303 Datasheet
516Kb / 26P
3A EcoSpeed Step-Down Regulator with LDO and Ultrasonic Power Save
SC3303MLTRT SEMTECH-SC3303MLTRT Datasheet
516Kb / 26P
3A EcoSpeed Step-Down Regulator with LDO and Ultrasonic Power Save
More results

Similar Description - SC33001ACSTRT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC69301 MICREL-MIC69301 Datasheet
289Kb / 11P
Single Supply VIN, Low VIN, Low VOUT, 3A LDO
logo
Protek Devices
PA2157 PROTEC-PA2157 Datasheet
207Kb / 8P
Low RDSON SPDT Analog Switch
logo
Texas Instruments
TPS22963 TI-TPS22963 Datasheet
569Kb / 20P
ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT
logo
Global Mixed-mode Techn...
G5198 GMT-G5198 Datasheet
34Kb / 1P
Ultra-Low Loss Load Switch
logo
Semtech Corporation
SC704 SEMTECH-SC704 Datasheet
1Mb / 14P
500mA Low Vin, Very Low Ron Load Switch
SC724 SEMTECH-SC724 Datasheet
2Mb / 15P
2A Low Vin, Very Low Ron Load Switch
SC728 SEMTECH-SC728 Datasheet
2Mb / 15P
2A Low Vin, Very Low Ron Load Switch
logo
Monolithic Power System...
MP5083 MPS-MP5083 Datasheet
883Kb / 14P
5.5V, 2A Low RDSON Load Switch with Current Monitoring
MP5087 MPS-MP5087 Datasheet
975Kb / 15P
5.5V, 7A Low RDSON Load Switch with Current Monitoring
logo
Microchip Technology
MIC69301 MICROCHIP-MIC69301 Datasheet
2Mb / 26P
Single Supply VIN, Low VIN, Low VOUT, 3A LDO
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com