Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC33001AHCSTRT Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC33001AHCSTRT
Description  3A Low VIN Ultra-Low Rdson Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC33001AHCSTRT Datasheet(HTML) 2 Page - Semtech Corporation

  SC33001AHCSTRT Datasheet HTML 1Page - Semtech Corporation SC33001AHCSTRT Datasheet HTML 2Page - Semtech Corporation SC33001AHCSTRT Datasheet HTML 3Page - Semtech Corporation SC33001AHCSTRT Datasheet HTML 4Page - Semtech Corporation SC33001AHCSTRT Datasheet HTML 5Page - Semtech Corporation SC33001AHCSTRT Datasheet HTML 6Page - Semtech Corporation SC33001AHCSTRT Datasheet HTML 7Page - Semtech Corporation SC33001AHCSTRT Datasheet HTML 8Page - Semtech Corporation SC33001AHCSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
SC33001A/SC33001AH
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC3300ACSTRT () (2)
CSP 0.9mm × .4mm, 6-Bump
SC3300AHCSTRT () (2)
CSP 0.9mm × .4mm, 6-Bump
SC3300A-EVB
Evaluation Board
SC3300AH-EVB
Evaluation Board
Notes:
() Available in tape and reel only. A reel contains 3,000 devices.
(2) Lead-free package only. Device is WEEE and RoHS compliant.
C
B
A
Laser M arking View
C
B
A
Solder Bum p View
1
2
2
1
nnn = Part No. Code — SC3300A: KS
nnn = Part No. Code — SC3300AH: KSH
yw = Datecode
•
•
•

2
C
GND
EN
B
VOUT
VIN
A
VOUT
VIN
Terminals Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com