Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V822MY5VAC400 Datasheet(PDF) 2 Page - Vatronics Technologies Limited

Part # V822MY5VAC400
Description  Safety Standard Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VATRONICS [Vatronics Technologies Limited]
Direct Link  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

V822MY5VAC400 Datasheet(HTML) 2 Page - Vatronics Technologies Limited

  V822MY5VAC400 Datasheet HTML 1Page - Vatronics Technologies Limited V822MY5VAC400 Datasheet HTML 2Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Safety Standard Capacitors,Y capacitors,Capacitivos, Condensatori, Tantalio C...atori, ceramici, multistrato, Kondenzatorji, tantal kondenzatorji, keramini,
Rated 125VAC, 250VAC, 400VAC
PART NUMBER
T.C.
CAP.
TOL.
DIMENSION(mm)
D max
F
Tmax
V101KY5PAC400
10%
(Y5P)
100PF
10%
8
7.5+/-1
6
V151KY5PAC400
150PF
8
7.5+/-1
6
V221KY5PAC400
220PF
8
7.5+/-1
6
V331KY5PAC400
330PF
8
7.5+/-1
6
V471KY5PAC400
470PF
8
7.5+/-1
6
V561KY5PAC400
560PF
9
7.5+/-1
6
V6801KY5PAC400
680PF
9
7.5+/-1
6
V102KY5PAC400
1000PF
10
7.5+/-1
6
V102MY5VAC400
+30~-80%
(Y5V)
1000PF
20%
8
7.5+/-1
6
V152MY5VAC400
1500PF
8
7.5+/-1
6
V222MY5VAC400
2200PF
8
7.5+/-1
6
V332MY5VAC400
3300PF
9
7.5+/-1
6
V392MY5VAC400
3900PF
10
7.5+/-1
6
V472MY5VAC400
4700PF
12
7.5/9.5+/-1
6
V682MY5VAC400
6800PF
14
7.5/9.5+/-1
6
V822MY5VAC400
8200PF
16
7.5/9.5+/-1
6
V103MY5VAC400
10000PF
18
9.5+/-1
6
SPECIAL SIZE OR ITEMS ON REQUEST
Vatronics Technologies Limited
http://www.vatronics.com sales@vatronics.com
file:///C|/index/VS.htm (2 / 2) [2003-12-17 13:32:52]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com