| Electronic Components Datasheet Search |
|
TL062AM Datasheet(PDF) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED. |
|
|
|||||||||||||||||||||||||||||
TL062AM Datasheet(HTML) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED. |
|
4 / 10 page ![]() TL062; TL062A-TL062B LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS www.artschip.com 4 ELECTRICAL CHARACTERISTICS Vcc=±15V, Tamb=+25℃ (unless otherwise specified) TL062AC,AI,AM TL062BC,BI,BM Symbol Parameter Min. Typ. Max. Min. Typ. Max. Unit Vio Input Offset Voltage (Rs=50Ω) Tamb=25℃ Tmin ≤ Tamb ≤Tmax 3 6 7.5 2 3 5 mV DVio Temperature Coefficient of Input Offset Voltage (Rs=50Ω) 10 10 µV/℃ Iio Input Offset Current – note 1) Tamb=25℃ Tmin ≤ Tamb ≤Tmax 5 100 3 5 100 3 pA nA Iib Input Bias Current – note 1 Tamb=25℃ Tmin ≤ Tamb ≤Tmax 30 200 7 30 200 7 nA Vicm Input Common Mode Voltage Range ±11.5 +15 -12 ±11.5 +15 -12 V Vopp Output Voltage Swing (RL=10kΩ) Tamb=25℃ Tmin ≤ Tamb ≤Tmax 20 20 27 20 20 27 V Avd Large Signal Voltage Gain RL=10KΩ, Vo=±10V Tamb=25℃ Tmin ≤ Tamb ≤Tmax 4 4 6 4 4 6 V/mV GBP Gain Bandwidth Product Tamb=25℃, RL=10kΩ CL=100pF 1 1 MHz Ri Input Resistance 10 12 10 12 Ω CMR Common Mode Rejection Ratio Rs=50Ω 80 86 80 86 dB SVR Supply Voltage Rejection Ratio Rs=50Ω 80 95 80 95 dB ICC Supply Current, Per Amplifier Tamb=25℃, no load, no signal 200 250 200 250 µA Vo1/Vo2 Channel Separation Av=100, Tamb=25℃ 120 120 PD Total Power Consumption Tamb=25℃, no load, no signal 6 7.5 6 7.5 mW SR Slew Rate Vi=10V, RL=10kΩ CL=10pF, Av=1 1.5 3.5 1.5 3.5 V/µS tr Rise Time Vi=20mV, RL=10kΩ CL=100pF, Av=1 0.2 0.2 µS Kov Overshoot Factor (see figure 1) Vi=20mV, RL=10kΩ CL=100pF, Av=1 10 10 % en Equivalent Input Noise Voltage Rs=100Ω, f =1KHz 42 42 1. The input bias current of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive. Pulse techniques must be used that will maintain the junction temperature as close to the ambient temperature as possible. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |