Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALT80600 Datasheet(PDF) 21 Page - Allegro MicroSystems

Part # ALT80600
Description  LED Driver with Pre-Emptive Boost for Ultra-High Dimming Ratio and Low Output Ripple
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ALT80600 Datasheet(HTML) 21 Page - Allegro MicroSystems

Back Button ALT80600 Datasheet HTML 17Page - Allegro MicroSystems ALT80600 Datasheet HTML 18Page - Allegro MicroSystems ALT80600 Datasheet HTML 19Page - Allegro MicroSystems ALT80600 Datasheet HTML 20Page - Allegro MicroSystems ALT80600 Datasheet HTML 21Page - Allegro MicroSystems ALT80600 Datasheet HTML 22Page - Allegro MicroSystems ALT80600 Datasheet HTML 23Page - Allegro MicroSystems ALT80600 Datasheet HTML 24Page - Allegro MicroSystems ALT80600 Datasheet HTML 25Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
LED Driver with Pre-Emptive Boost
for Ultra-High Dimming Ratio and Low Output Ripple
ALT80600
21
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
FAULT DETECTION AND PROTECTION
LED String Partial-Short Detect
All LED current sink pins (LED1 to LED4) are designed to with-
stand the maximum output voltage, as specified in the AbsMax
section. This prevents the IC from being damaged if VOUT is
directly applied to an LED pin due to an output connector short.
In case of direct-short or partial-shorted fault in any LED string dur-
ing operation, the LED pin with voltage exceeding VLEDSC will be
removed from regulation. This prevents the IC from dissipating too
much power due to large voltage drop across the LED current sink.
Figure 35: Normal startup sequence showing voltage at LED2 and
LED3 pins. VIN = 6 V, output = 6 × WLED in series, current = 4 × 100 mA
Figure 36: Startup sequence when LED string#2 has a partial-short
fault (4 × WLED instead of 6). As soon as LED2 pin rises above
VLEDSC (~4.6 V), the channel is disabled. Output is now 300 mA.
While the IC is being PWM dimmed, the IC will recheck the
disabled LED every time the PWM signal goes high. This allows
for some self-correction in case an intermittent LED pin shorted
to VOUT fault is present.
At least one LED pin must be at regulation voltage (below
~1.2 V) for the LED string partial-short detection to activate.
In case all of the LED pins are above regulation voltage (this
could happen when the input voltage rises too high for the LED
strings), they will continue to operate normally.
Overvoltage Protection
The ALT80600 offers a programmable output overvoltage
protection (OVP), plus a fixed secondary overvoltage protection
(OVP2).
The OVP pin has a threshold level of 2.5 V typical. Overvoltage
protection is tripped when current into this pin exceeds ~150 µA.
A resistor can be used to set the OVP threshold up to 40 V approxi-
mately. This is sufficient for driving 11 white LEDs in series.
The formula for calculating the OVP resistor is shown below:
Equation 6:
ROVP = (VOVP – VOVP(th)) / iOVP(th)
where VOVP is the desired OVP threshold, VOVP(th) = 2.5 V
typical, iOVP(th) = 150 µA typical.
To determine the desired OVP threshold, take the maximum LED
string voltage at cold and add ~10% margin on top of it.
The OVP event is not a latched fault and, by itself, does not pull
the FAULT pin to low. If the OVP condition occurs during a load
dump, for example, the IC will stop switching but not shut down.
There are several possibilities of why an OVP condition is
encountered during operation. The two most common being an
open LED string and a disconnected output connector.
The waveform below shows a typical OVP condition. When one
LED string becomes open, current through its LED driver drops
to zero. The ALT80600 responses by boosting the output voltage
higher. When output reaches OVP threshold, the LED string with-
out current is removed from regulation. The rest of LED strings
continue to draw current and drain down VOUT. Once VOUT falls
below ~94% OVP, boost will resume switching to power the
remaining LED strings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com