Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALS31313KLEATR-2000 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ALS31313KLEATR-2000
Description  Automotive Grade, 3-D Linear Hall-Effect Sensor with I2C Output and Advanced Low Power Management
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ALS31313KLEATR-2000 Datasheet(HTML) 3 Page - Allegro MicroSystems

  ALS31313KLEATR-2000 Datasheet HTML 1Page - Allegro MicroSystems ALS31313KLEATR-2000 Datasheet HTML 2Page - Allegro MicroSystems ALS31313KLEATR-2000 Datasheet HTML 3Page - Allegro MicroSystems ALS31313KLEATR-2000 Datasheet HTML 4Page - Allegro MicroSystems ALS31313KLEATR-2000 Datasheet HTML 5Page - Allegro MicroSystems ALS31313KLEATR-2000 Datasheet HTML 6Page - Allegro MicroSystems ALS31313KLEATR-2000 Datasheet HTML 7Page - Allegro MicroSystems ALS31313KLEATR-2000 Datasheet HTML 8Page - Allegro MicroSystems ALS31313KLEATR-2000 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Automotive Grade, 3-D Linear Hall-Effect Sensor
with I2C Output and Advanced Low Power Management
ALS31313
3
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Notes
Rating
Unit
Forward Supply Voltage
VCC
5.5
V
Reverse Supply Voltage
VRCC
–0.1
V
All Other Pins Forward Voltage
VIN
5.5
V
All Other Pins Reverse Voltage
VR
–0.1
V
Operating Ambient Temperature
TA
Range K
–40 to 125
°C
Maximum Junction Temperature
TJ(MAX)
165
°C
Storage Temperature [1]
Tstg
–65 to 170
°C
EEPROM Write Count
–
Number of times EEPROM can be written
1000
writes
[1]
Stresses beyond the Absolute Maximum Ratings may result in permanent device damage. Exposure to absolute maximum rating conditions for
extended periods of time may affect device reliability.
THERMAL CHARACTERISTICS [2]
Characteristic
Symbol
Test Conditions
Value
Unit
Package Thermal Resistance [3]
RθJA
On 4-layer PCB based on JEDEC standard
145
°C/W
[2]
Thermal characteristics may require derating at maximum conditions. See application section for more information.
[3]
Additional thermal information available on the Allegro website.
SPECIFICATIONS
Figure 2: Typical Application
Customer
Microcontroller
ALS31313
VCC
SCL
SDA
ADR1
INT
GND
ADR0
VCC
10 kΩ
10 kΩ
10 kΩ
CBYPASS
0.1 µF
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com