Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H5-AN-PT-R2-S Datasheet(PDF) 1 Page - FOTEK CONTROLS CO., LTD.

Part # H5-AN-PT-R2-S
Description  DIN 48X48 Temperature Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOTEK [FOTEK CONTROLS CO., LTD.]
Direct Link  http://www.fotek.com.tw/index4.asp
Logo FOTEK - FOTEK CONTROLS CO., LTD.

H5-AN-PT-R2-S Datasheet(HTML) 1 Page - FOTEK CONTROLS CO., LTD.

  H5-AN-PT-R2-S Datasheet HTML 1Page - FOTEK CONTROLS CO., LTD. H5-AN-PT-R2-S Datasheet HTML 2Page - FOTEK CONTROLS CO., LTD. H5-AN-PT-R2-S Datasheet HTML 3Page - FOTEK CONTROLS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
18
DIN 48X48
All Type With Sensor Break Alarm LED
With Cold Junction Compensation, Suited To Operated At -20
O
C ~ +60
O
C.
Setting Accurancy Less Than
1.0% of F.S.
With P+D Control To Control Temperature Easily.
Specification/
Guiding of Model/
Dimension/
Connection Diagram/
H5 - AN -
1
2
PT
3
R 4 - S
5
6
4
17
Connection Diagram/
Standard Power Supply Is 220VAC ,
If Need 110VAC , Please Change It
On The Inner PC Board.
Dimension & Fixed Hold/
Outline
Fixed Hole ( Thickness 1~8mm )
Linear Output
Voltage Output
K / J & PT-100 Type
Model
TC-48-AN-
-
TC-48-DN-
-
TC-48-DD-
-
-AH
DIN48 X 48
Non
Non
AL+HB Alarm
Non
Non
Non
Non
Non
Non
Trimmer
1.0%
100 , 200 , 400
TC-48-DD-
-
Non
0.36" 7-Segment Red LED
0.5% of F.S.
-99~+99 , 0~999
Digital Switch
0.5% of Setting Range
-99 ~+99 , 0~199 , 0~399 , 0~599 , 0~999
45.0
45.0
Relay < 5A/250 VAC > or
Voltage < 20 mA/12V >
H5 - AN -
-
P+D ON/OFF or ON/OFF
2 sec or 20 sec
Output Method
Control Method
Model
Sensor Type
Cycle Time
Power Supply
Degree Unit
Weight
Dielectric Strength
Vibration Resistance
Operating Temp/Hum
Current Consumption
Insulation Resistance
2.5 KV / 1 min
10~55 Hz/1.5mm, 2Hrs
110 / 220 VAC 20%, 50/60Hz
Appr. 185g
-20 ~+60 C; 35%~85% RH
2.5 VA max.
100M
/ 500 VDC
Alarm
Method
Tolerance
Range
Method
Tolerance
Range
-20
+60
1.0%
PFD
Series
H5 series
1
Method of Setting
AN = Trimmer Type
2
Method of Output
R = Relay < 5A/250 VAC >
V = Voltage < 20mA/12 VDC >
4
Range of Setting
1 = 0 ~ 100
2 = 0 ~ 200
4 = 0 ~ 400
5
Method of Control
Non = P+D ON / OFF
S
= ON / OFF
6
K<CA>orJ<1C>or PT-100
-
Type of Sensor
NOU = K Type
3
J = J Type
PT =PT Type


Similar Part No. - H5-AN-PT-R2-S

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
H5-25473-00 AVAGO-H5-25473-00 Datasheet
618Kb / 2P
Avago짰 SAS 9300 12Gb/s SAS
More results

Similar Description - H5-AN-PT-R2-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FKC01C924 ETC2-FKC01C924 Datasheet
125Kb / 5P
48x48 digital preset counter
logo
Omron Electronics LLC
E5CS-X OMRON-E5CS-X Datasheet
173Kb / 12P
Temperature Controller DIN-sized (48��48 mm) Temperature Controller Features Automatic P (proportional action) Tuning Function
E5ZNSCT24S500 OMRON-E5ZNSCT24S500 Datasheet
1Mb / 13P
New DIN Track Mounting Temperature Controller
logo
Red Lion Controls. Inc
T481010A REDLION-T481010A Datasheet
915Kb / 8P
MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T4810117 REDLION-T4810117 Datasheet
915Kb / 8P
MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T4811103 REDLION-T4811103 Datasheet
915Kb / 8P
MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T4820000 REDLION-T4820000 Datasheet
915Kb / 8P
MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
logo
FOTEK CONTROLS CO., LTD...
H5B-M1 FOTEK-H5B-M1 Datasheet
156Kb / 1P
DIN 48X48 ON DELAY TIMER/FLICKER
H5C-4D FOTEK-H5C-4D Datasheet
145Kb / 1P
DIN 48X48 PRESET DIGITAL COUNTER
TM48-M1 FOTEK-TM48-M1 Datasheet
150Kb / 1P
DIN 48X48 FREE POWER ON DELAY TIMER/FLICKER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com