Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATS19520 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS19520
Description  Vibration-Tolerant Hall-Effect Transmission Speed and Direction Gear Tooth Sensor IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS19520 Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS19520 Datasheet HTML 1Page - Allegro MicroSystems ATS19520 Datasheet HTML 2Page - Allegro MicroSystems ATS19520 Datasheet HTML 3Page - Allegro MicroSystems ATS19520 Datasheet HTML 4Page - Allegro MicroSystems ATS19520 Datasheet HTML 5Page - Allegro MicroSystems ATS19520 Datasheet HTML 6Page - Allegro MicroSystems ATS19520 Datasheet HTML 7Page - Allegro MicroSystems ATS19520 Datasheet HTML 8Page - Allegro MicroSystems ATS19520 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Vibration-Tolerant Hall Effect
Transmission Speed and Direction Gear Tooth Sensor IC
ATS19520
3
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Package SN, 3-Pin SIP Pinout Diagram
Terminal List Table
Number
Name
Function
1
VCC
Supply voltage
2
VCC
Supply voltage
3
GND
Ground
12
3
Internal Discrete Capacitor Ratings
Characteristic
Symbol
Notes
Rating
Units
Nominal Capacitance
CSUPPLY
Connected between VCC and GND; refer to
Figure 1
B
10
nF
L
22
nF
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage
VCC
Refer to Power Derating section
28
V
Reverse Supply Voltage
VRCC
–18
V
Operating Ambient Temperature
TA
Range L
–40 to 150
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 170
ºC
SPECIFICATIONS
PINOUT DIAGRAM AND TERMINAL LIST
VCC
GND
RL
IC
VOUT = ICC × RL
CL
ATS19520
1
3
VCC
Figure 1: Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com