Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCD6003 Datasheet(PDF) 84 Page - NXP Semiconductors

Part # PCD6003
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6003 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button PCD6003 Datasheet HTML 80Page - NXP Semiconductors PCD6003 Datasheet HTML 81Page - NXP Semiconductors PCD6003 Datasheet HTML 82Page - NXP Semiconductors PCD6003 Datasheet HTML 83Page - NXP Semiconductors PCD6003 Datasheet HTML 84Page - NXP Semiconductors PCD6003 Datasheet HTML 85Page - NXP Semiconductors PCD6003 Datasheet HTML 86Page - NXP Semiconductors PCD6003 Datasheet HTML 87Page - NXP Semiconductors PCD6003 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 96 page
background image
2001 Apr 17
84
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6003
18 APPLICATION DIAGRAMS
handbook, full pagewidth
MGT444
200 k
Ω
100 k
Ω
100 k
Ω
200 k
Ω
100 nF
100 nF
47
µF
1
µF
47
µF
68
µF
10
µF
100 nF
100 nF
100 nF
(1)
(1)
(1)
100 nF
100
nF
100 nF
100 nF
10 nF
100
nF
100
nF
VDD
1/2VDD
1/2VDD
PSTN B
PSTN A
LIFMIN1
LIFMIN2
LIFPIN
VDD3V1
VDD3V2
CODEC1
CODEC2
VDD3V3
−6 dB
10
µF
100 nF
10
µF
100 nF
2.2
µF
100
nF
7 dB
23 dB
35 dB
∑
∆
7 dB
23 dB
35 dB
∑
∆
line interface
receive output
RLIFxVXD
RLIFxMD
RLIFxVSS
RMICVDD
RMICVSS
100
Ω
2 k
Ω
100
k
Ω
100 k
Ω
100
Ω
5
Ω
0 dB
15 dB
MICP
VMIC
MICM
handsfree
microphone
handset
microphone
line interface
VBGP
Vref
VDDPLL
VDD
Rx
VDD
VDDA
VDD
Fig.36 Application example: supply and analog input connections for line interface, caller ID and handsfree.
(1) The decoupling capacitors for VDD3V1, VDD3V2 and VDD3V3 must be mounted as close as possible to the respective pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com