Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM8380 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM8380
Description  4-Channel Multiplexer and Link Extender for SAS, SATA, Ethernet and FC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8380 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM8380 Datasheet HTML 1Page - PMC-Sierra, Inc PM8380 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PM8380
Preview
4-Channel Multiplexer and Link Extender for SAS, SATA, Ethernet and FC
QuadSMX 3G
PMC-2030351
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC.,
© Copyright PMC-Sierra, Inc. 2004.
Issue 3
AND FOR ITS CUSTOMERS’ INTERNAL USE
All rights reserved.
FEATURES
GENERAL - SATA AND SAS
Four bi-directional 2:1 SATA or
SAS multiplexer/demultiplexer.
Compliant with SAS Internal and
External specification.
SATA Gen1i, Gen1x, Gen2i,
Gen2x compliant.
In the downstream direction, the
QuadSMX 3G demuxes the
initiator-side receive ports to either
the A or B device-side transmit
ports.
In the upstream direction, the
QuadSMX 3G selects either the A
or B device-side receive port to
output on the initiator-side transmit
ports.
Passes-thru out-of-band (OOB)
signaling.
Internal OOB detectors for
COMSAS, COMRESET/COMINIT
and COMWAKE.
Provides port reordering to support
standard SATA/SAS 4 channel
connectors and easier PCB
routing.
GENERAL - ETHERNET AND
FIBRE CHANNEL
Four channel bi-directional Gigabit
Ethernet and 10 Gigabit Ethernet
(XAUI) link extender and 2:1 serial
multiplexer/demultiplexer.
Four channel bi-directional 1G,2G
and 10G Fibre Channel link
extender and 2:1 serial
multiplexer/demultiplexer
Provides transmit redundancy for
Ethernet and Fibre Channel Switch
Applications. In this case,data is
broadcast to both Port A and
Port B.
HIGH-SPEED I/O
1.0 Gbit/s to 3.2 Gbit/s operation.
Automatic amplitude control for
SATA and SAS applications.
Programmable receive
equalization, transmit pre-
emphasis and transmit output
swing.
Integrated resistive termination
and receive AC coupling.
Analog interfaces support SATA
and SAS hot plug.
BLOCK DIAGRAM
RXA+/-[3:0]
TX+/-[3:0]
2 to 1
Mux
Serial
Rx
Serial
Rx
Serial
Tx
OOB
Detect
OOB
Detect
OOB
Control
2 to 1
Mux
4 instances
Serial
Tx
Serial
Tx
OOB
Control
Serial
Rx
OOB
Detect
Status and
Control
Tx Amplitude
Control
RXB+/-[3:0]
TXA+/-[3:0]
TXB+/-[3:0]
RX+/-[3:0]
SEL[3:0]
SCL
Two Wire
Interface
SDA
RSTB
TXAPREM[1:0]
TXBPREM[1:0]
RXAEQUAL[1:0]
RXBEQUAL[1:0]
SYSCLK
SASLVL
RXSWIZB
RBIAS
TWADR[2:1]


Similar Part No. - PM8380

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
PM8300 KNIGHTSBRIDGE-PM8300 Datasheet
162Kb / 1P
10AX 2-way Pull Cord Switch [Part M Compliant]
28/03/2024
logo
PMC-Sierra, Inc
PM8310 PMC-PM8310 Datasheet
267Kb / 2P
TEMUX 336 High Density T1/E1 Framer, VT/TU Mapper & M13 Mux with Integrated SONET/SDH Framers
logo
ML Accessories Limited....
PM8310N KNIGHTSBRIDGE-PM8310N Datasheet
154Kb / 1P
50A DP Pull Cord Switch with Neon and Mechanical On/Off [Part M Compliant]
28/03/2024
logo
PMC-Sierra, Inc
PM8311 PMC-PM8311 Datasheet
232Kb / 2P
TEMUX 168 High Density T1/E1 Framer, VT/TU Mapper & M13 Mux with Integrated SONET/SDH Framers
PM8312 PMC-PM8312 Datasheet
159Kb / 2P
High-Density 32-Channel T1/E1/J1 Framer with Integrated VT/TU Mapper & M13 Multiplexer
More results

Similar Description - PM8380

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7132 VITESSE-VSC7132 Datasheet
101Kb / 8P
Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7132-01 VITESSE-VSC7132-01 Datasheet
94Kb / 2P
Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
logo
Micrel Semiconductor
SY897132L MICREL-SY897132L Datasheet
266Kb / 10P
1.5Gbps Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
logo
ON Semiconductor
NB4N1158 ONSEMI-NB4N1158 Datasheet
102Kb / 8P
Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
December, 2007 - Rev. 0
NB4N7132 ONSEMI-NB4N7132 Datasheet
103Kb / 6P
Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
February, 2008 - Rev. 0
logo
Micrel Semiconductor
SY897132L MICREL-SY897132L_11 Datasheet
306Kb / 10P
1.5Gbps Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
logo
Integrated Device Techn...
89HP0604SB IDT-89HP0604SB Datasheet
565Kb / 22P
4 Channel 6Gbps SAS/SATA Signal Repeater
logo
ON Semiconductor
NB4N7132 ONSEMI-NB4N7132_11 Datasheet
149Kb / 6P
Link Replicator for Fibre Channel, Gigabit Ethernet HDTV and SATA
July, 2011 ??Rev. 1
logo
Maxim Integrated Produc...
MAX4952AEVKIT MAXIM-MAX4952AEVKIT Datasheet
709Kb / 10P
Application Circuit with SAS and SATA Input/ Output
Rev 0; 8/09
MAX14986EVKIT MAXIM-MAX14986EVKIT Datasheet
642Kb / 13P
Application Circuit with SAS and SATA Input/Output
Rev 0; 11/13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com