Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

13T2C/27 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # 13T2C/27
Description  13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Candelabra base; 120 volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

13T2C/27 Datasheet(HTML) 1 Page - Satco Products, Inc.

  13T2C/27 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S7364
13T2C/27
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI;
Candelabra base; 120 volts
Features
Self-ballasted Spiral CFL
Uses 75% less energy than equivalent incandescent lamps
Long Life
Instant On
S7364
Item Number
UPC
Voltage
Watts
Incandescent Equivalent Lamp Shape
Base
ANSI
Base
S7364
045923073649
120
13
60W
T2
Candelabra
E12
Lamp Code
MOL In Inches MOD In Inches
Initial Lumens
Average Rated
Hours
Kelvin Temp
Color
Pack
13T2C/27
4.13''
1.81''
900
12000
2700
Warm White
48/12
Package Type
CRI
CEC Status
Hg Content
RoHS Compliant
UL or ETL Listed
Warranty
Box
82
Lawful for sale in
California
1.6 mg
Yes
Yes
2 Year Limited


Similar Part No. - 13T2C/27

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
13T2C/41 SATCO-13T2C/41 Datasheet
124Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Candelabra base; 120 volts
13T2C/50 SATCO-13T2C/50 Datasheet
124Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Candelabra base; 120 volts
More results

Similar Description - 13T2C/27

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S5301 SATCO-S5301 Datasheet
124Kb / 1P
13 watt; Spiral Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
S5516 SATCO-S5516 Datasheet
124Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7217 SATCO-S7217 Datasheet
125Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7264 SATCO-S7264 Datasheet
125Kb / 1P
5 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Candelabra base; 120 volts
S7325 SATCO-S7325 Datasheet
124Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7361 SATCO-S7361 Datasheet
124Kb / 1P
9 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Candelabra base; 120 volts
S7365 SATCO-S7365 Datasheet
124Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Candelabra base; 120 volts
S7366 SATCO-S7366 Datasheet
124Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Candelabra base; 120 volts
S8203 SATCO-S8203 Datasheet
125Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
S8227 SATCO-S8227 Datasheet
126Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com