Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD5F1GQ4REFJG Datasheet(PDF) 6 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD5F1GQ4REFJG
Description  SPI(x1/x2/x4) NAND Flash
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F1GQ4REFJG Datasheet(HTML) 6 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F1GQ4REFJG Datasheet HTML 2Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJG Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJG Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJG Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJG Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJG Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJG Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJG Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJG Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
SPI(x1/x2/x4) NAND Flash
1G
6
2.1 Product List
Product Number
Density
Voltage
Package Type
Temperature
Page Size
GD5F1GQ4REFIG
1Gbit
1.7V to 2.0V
SOP16 300mil
-40℃ to 85℃
2Kbytes + 128bytes
GD5F1GQ4REFJG
-40℃ to 105℃
GD5F1GQ4REFFG
-40℃ to 85℃
GD5F1GQ4REZIG
TFBGA24(4*6 Ball Array)
-40℃ to 85℃
GD5F1GQ4REZJG
-40℃ to 105℃
GD5F1GQ4REZFG
-40℃ to 85℃
GD5F1GQ4RE9IG
LGA8(8*6mm)
-40℃ to 85℃
GD5F1GQ4RE9JG
-40℃ to 105℃
GD5F1GQ4RE9FG
-40℃ to 85℃
GD5F1GQ4RE7IG
LGA8(6*5mm)
-40℃ to 85℃
GD5F1GQ4UEYIG
2.7V to 3.6V
WSON8(8*6mm)
-40℃ to 85℃
GD5F1GQ4UEYJG
-40℃ to 105℃
GD5F1GQ4UEYFG
-40℃ to 85℃
GD5F1GQ4UEFIG
SOP16 300mil
-40℃ to 85℃
GD5F1GQ4UEFJG
-40℃ to 105℃
GD5F1GQ4UEFFG
-40℃ to 85℃
GD5F1GQ4UEZIG
TFBGA24(4*6 Ball Array)
-40℃ to 85℃
GD5F1GQ4UEZJG
-40℃ to 105℃
GD5F1GQ4UEZFG
-40℃ to 85℃
GD5F1GQ4UE7IG
LGA8(6*5mm)
-40℃ to 85℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com