Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD5F1GQ4REFJH Datasheet(PDF) 9 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD5F1GQ4REFJH
Description  SPI(x1/x2/x4) NAND Flash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F1GQ4REFJH Datasheet(HTML) 9 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F1GQ4REFJH Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJH Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJH Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJH Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJH Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJH Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJH Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJH Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJH Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
SPI(x1/x2/x4) NAND Flash
1Gb
9
3
ARRAY ORGANIZATION
Each block has
Each page has
128K+4K
2K+64
bytes
64
-
pages
-
-
blocks
Figure3-1. Array Organization
2048
64
2048
64
1 block
1 block = (2K + 64 bytes) x 64 pages
= (128K + 4K) bytes
1 page
= (2K + 64 bytes)
Cache Register
Data Register
SO
SI
Per device:
1Gb: 1024blocks
1 device:
For 1Gb = (128K +4K) bytes x 1024 blocks
= 1Gb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com