Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD5F1GQ4RE9JS Datasheet(PDF) 40 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD5F1GQ4RE9JS
Description  SPI(x1/x2/x4) NAND Flash
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F1GQ4RE9JS Datasheet(HTML) 40 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F1GQ4RE9JS Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RE9JS Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RE9JS Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RE9JS Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RE9JS Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RE9JS Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RE9JS Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RE9JS Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4RE9JS Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
SPI(x1/x2/x4) NAND Flash
1G
40
12.2.2 Hardware RESET Setting
a)
8-pin package
For the 8-pin package, RESET#, HOLD# and data IO3 share the same pin7. The pin7 can be configured as any of the
three functions depending on the status register setting. When QE=0, HOLDB/RST=1, the pin7 acts as a RESET# pin.
When QE=1 or QE=0 HOLDB/RST=0, the pin7 will be configured as the other functions and Hardware Reset function
can’t be used.
QE and HOLDB/RST registers can be set by Set Feature command (see table12-2). QE can be set by Set Feature
command when address is B0H and HOLDB/RST can be set by Set Feature command when address is D0H. Both of
them can be read out by Get Feature command with related address. Through reading the status registers, users could
know the value and infer which function is supported on the pin7.
By default QE and HOLDB/RST registers are both 0 after power-on-reset or hardware reset.
Table12-2. Features Settings
Register
Addr.
7
6
5
4
3
2
1
0
Protection
A0H
BRWD
Reserved
BP2
BP1
BP0
INV
CMP
Reserved
Feature
B0H
OTP_PRT
OTP_EN
Reserved
ECC_EN
Reserved
Reserved
Reserved
QE
Status
C0H
Reserved
Reserved
ECCS1
ECCS0
P_FAIL
E_FAIL
WEL
OIP
Feature
D0H
HOLDB/RST
DS_S1
DS_S0
Reserved
Reserved
Reserved
Reserved
Reserved
Status
F0H
Reserved
Reserved
ECCSE1
ECCSE0
Reserved
Reserved
Reserved
Reserved
b)
16-pin/24-pin package
For 16-pin/24-pin package (see Figure2-1), a dedicated RESET# pin is provided and it is independent of QE bit
setting. At the same time, HOLDB/RST register is not existed in 16-pin/24-pin package, and the corresponding bit in
command Set/Get Feature with address D0H is reserved.
Table12-3. Features Settings
Register
Addr.
7
6
5
4
3
2
1
0
Protection
A0H
BRWD
Reserved
BP2
BP1
BP0
INV
CMP
Reserved
Feature
B0H
OTP_PRT
OTP_EN
Reserved
ECC_EN
Reserved
Reserved
Reserved
QE
Status
C0H
Reserved
Reserved
ECCS1
ECCS0
P_FAIL
E_FAIL
WEL
OIP
Feature
D0H
Reserved
DS_S1
DS_S0
Reserved
Reserved
Reserved
Reserved
Reserved
Status
F0H
Reserved
Reserved
ECCSE1
ECCSE0
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com