Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD5F2GQ4RFZIG Datasheet(PDF) 35 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD5F2GQ4RFZIG
Description  SPI(x1/x2/x4) NAND Flash
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F2GQ4RFZIG Datasheet(HTML) 35 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F2GQ4RFZIG Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIG Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIG Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIG Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4RFZIG Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
SPI(x1/x2/x4) NAND Flash
2G
35
15 POWER ON TIMING
Figure15-1. Power on Timing Sequence
Vcc(max)
Vcc(min)
VWI
tVSL
Chip Selection is not allowed
Device is fully
accessible
Time
Table15-1. Power-On Timing and Write Inhibit Threshold for 1.8V/3.3V
Symbol
Parameter
Min
Max
Unit
tVSL
VCC(min) To CS# Low
5
ms
VWI
Write Inhibit Voltage
1.8V
1.7
V
3.3V
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com