Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD9FU1G8F2ALG Datasheet(PDF) 19 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD9FU1G8F2ALG
Description  Single level cell technology
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD9FU1G8F2ALG Datasheet(HTML) 19 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD9FU1G8F2ALG Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2ALG Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2ALG Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2ALG Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2ALG Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2ALG Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2ALG Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2ALG Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2ALG Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 55 page
background image
GD9Fx1GxF2A
19
8.1.2 Random Data Output (05H-E0H)
The device may output random data in a page instead of the consecutive sequential data by writing random data output
command (05H-E0H). The column address of next data, which is going to be out, may be changed to the address which
follows random data output command. Random data output can be operated multiple times regardless of how many times
it is done in a page Change Read Column shall only be issued when the device is in a read idle condition.
CLE
00h
Dout
N
Dout
N+1
Col.
Add1
Col.
Add2
Row.
Add1
Row.
Add2
05h
Col.
Add1
Col.
Add2
E0h
Dout
M
Dout
M+1
Busy
Column Address
CE#
WE#
ALE
RE#
I/Ox
R/B#
tCLR
tWHR
tREA
tRHW
tAR
tWB
tRR
tRC
30h
tR
Figure 15: Random Data Output figures
8.1.3 Cache Read Operation (31H/3FH)
The Cache Read function permits a page to be read from the page register while another page is simultaneously read from
the Flash array. A Read Page command shall be issued prior to the initial sequential or random Read Cache command in
a read cache sequence. A Read Cache command shall be issued prior to a Read Cache End (3FH) command being issued.
The Cache Read function may be issued after the Read function is complete. The host may enter the address of the next
page to be read from the Flash array. Data output always begins at column address 00H. If the host does not enter an
address to retrieve, the next sequential page is read, when the Read Cache function is issued. After the operation is begun
R/B# is set to one (ready) and the host may begin to read the data from the previous Read or Read Cache function. Issuing
an additional Read Cache function copies the data most recently read from the array into the page register. When no more
pages are to be read, the final page is copied into the page register by issuing the 3FH command.
The host may begin to read data from the page register when R/B# is set to one (ready). When the 31H and 3FH commands
are issued, R/B# shall be cleared to zero (busy) until the page has finished being copied from the Flash array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com