Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD25B256DFIG Datasheet(PDF) 77 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25B256DFIG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25B256DFIG Datasheet(HTML) 77 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25B256DFIG Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD25B256DFIG Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD25B256DFIG Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD25B256DFIG Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD25B256DFIG Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD25B256DFIG Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. GD25B256DFIG Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc. GD25B256DFIG Datasheet HTML 80Page - GigaDevice Semiconductor (Beijing) Inc. GD25B256DFIG Datasheet HTML 81Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 82 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25B256D
77
9.1. Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range I: Industrial (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25B256DFIG
256Mbit
SOP16 300mil
GD25B256DFIS
GD25B256DFIR
GD25B256DYIG
256Mbit
WSON8 (8x6mm)
GD25B256DYIS
GD25B256DBIG
256Mbit
TFBGA-24ball (5x5 Ball Array)
GD25B256DBIS
GD25B256DBIR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com