Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD25D40CSEG Datasheet(PDF) 35 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25D40CSEG
Description  3.3V Uniform Sector Standard and Dual Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25D40CSEG Datasheet(HTML) 35 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25D40CSEG Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40CSEG Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40CSEG Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40CSEG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40CSEG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40CSEG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40CSEG Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40CSEG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40CSEG Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
3.3V Uniform Sector
Standard and Dual Serial Flash
GD25D40C/20C
35
Temperature Range E: Industrial (-40
℃ to +125℃)
Product Number
Density
Package Type
GD25D40CTEG
4Mbit
SOP8 150mil
GD25D20CTEG
2Mbit
GD25D40CSEG
4Mbit
SOP8 208mil
GD25D20CSEG
2Mbit
GD25D40COEG
4Mbit
TSSOP8 173mil
GD25D20COEG
2Mbit
GD25D40CKEG
4Mbit
USON8 (1.5x1.5mm)
GD25D20CKEG
2Mbit
GD25D40CEEG
4Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25D20CEEG
2Mbit
Temperature Range F: Industrial+ (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25D40CTFG
4Mbit
SOP8 150mil
GD25D20CTFG
2Mbit
GD25D40CSFG
4Mbit
SOP8 208mil
GD25D20CSFG
2Mbit
GD25D40COFG
4Mbit
TSSOP8 173mil
GD25D20COFG
2Mbit
GD25D40CKFG
4Mbit
USON8 (1.5x1.5mm)
GD25D20CKFG
2Mbit
GD25D40CEFG
4Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25D20CEFG
2Mbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com