Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD25LB128D Datasheet(PDF) 49 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LB128D
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB128D Datasheet(HTML) 49 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB128D Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128D Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128D Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128D Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128D Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128D Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128D Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128D Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128D Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB128D
49
7.31.
Read Security Registers (48H)
The Read Security Registers command is similar to Fast Read command. The command is followed by a 3-byte
address (A23-A0) and a dummy byte, and each bit is latched-in on the rising edge of SCLK. Then the memory content, at
that address, is shifted out on SO, and each bit is shifted out, at a Max frequency fC, on the falling edge of SCLK. The first
byte addressed can be at any location. The address is automatically incremented to the next higher address after each byte
of data is shifted out. Once the A9-A0 address reaches the last byte of the register (Byte 3FFH), it will reset to 000H, the
command is completed by driving CS# high.
Address
A23-16
A15-12
A11-10
A9-0
Security Register #1
00H
0 0 0 1
0 0
Byte Address
Security Register #2
00H
0 0 1 0
0 0
Byte Address
Security Register #3
00H
0 0 1 1
0 0
Byte Address
Figure33. Read Security Registers command Sequence Diagram
Command
0
1
2
3
4
5
6
7
48H
CS#
SCLK
SI
SO
High-Z
8
9 10
28 29 30 31
3
2
1
0
23 22 21
24-bit address
MSB
34 35 36 37
33
6
5
4
3
2
1
0
38 39
Data Out1
32
42 43 44 45
41
46 47
40
7
6
5
4
3
2
1
0
7
6
5
7
Data Out2
CS#
SCLK
SI
SO
MSB
Dummy Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com