Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD25LE05C Datasheet(PDF) 8 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE05C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE05C Datasheet(HTML) 8 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE05C Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
8
UNIFORM BLOCK SECTOR ARCHITECTURE
GD25LE40C 64K Bytes Block Sector Architecture
Block
Sector
Address range
7
127
07F000H
07FFFFH
……
……
……
112
070000H
070FFFH
6
111
06F000H
06FFFFH
……
……
……
96
060000H
060FFFH
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
2
47
02F000H
02FFFFH
……
……
……
32
020000H
020FFFH
1
31
01F000H
01FFFFH
……
……
……
16
010000H
010FFFH
0
15
00F000H
00FFFFH
……
……
……
0
000000H
000FFFH
GD25LE20C 64K Bytes Block Sector Architecture
Block
Sector
Address range
3
63
03F000H
03FFFFH
……
……
……
48
030000H
030FFFH
2
47
02F000H
02FFFFH
……
……
……
32
020000H
020FFFH
1
31
01F000H
01FFFFH
……
……
……
16
010000H
010FFFH
0
15
00F000H
00FFFFH
……
……
……
0
000000H
000FFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com