Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD25LE32DSIG Datasheet(PDF) 63 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE32DSIG
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE32DSIG Datasheet(HTML) 63 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE32DSIG Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32DSIG Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32DSIG Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32DSIG Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32DSIG Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32DSIG Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32DSIG Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32DSIG Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE32DSIG Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE32D
63
9. ORDERING INFORMATION
Packing
T or no mark: Tube
Y: Tray
R: Tape and Reel
Green Code
G: Pb Free + Halogen Free Green Package
Temperature Range
I: Industrial (-40
℃ to +85℃)
J: Industrial (-40
℃ to +105℃)
E: Industrial (-40
℃ to +125℃)
Package Type
S: SOP8 208mil
V: VSOP8 208mil
N: USON8 (3x4mm)
Q: USON8 (4x4mm, 0.45mm thickness)
W: WSON8 (6x5mm)
L: WLCSP
Generation
D: D Version
Density
32: 32M bit
Series
LE: 1.8V, 4KB Uniform Sector
Product Family
25: SPI Interface Flash
X X X
GD XX XX XX X X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com