Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD17P133CS Datasheet(PDF) 4 Page - NEC

Part # UPD17P133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P133CS Datasheet(HTML) 4 Page - NEC

  UPD17P133CS Datasheet HTML 1Page - NEC UPD17P133CS Datasheet HTML 2Page - NEC UPD17P133CS Datasheet HTML 3Page - NEC UPD17P133CS Datasheet HTML 4Page - NEC UPD17P133CS Datasheet HTML 5Page - NEC UPD17P133CS Datasheet HTML 6Page - NEC UPD17P133CS Datasheet HTML 7Page - NEC UPD17P133CS Datasheet HTML 8Page - NEC UPD17P133CS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 289 page
background image
INTRODUCTION
Targeted Reader
This manual is intended for the user engineers who understand functions of the
µPD17120 subseries and design their application systems using the µPD17120 sub-
series
Purpose
The purpose of this manual is for the user to understand the hardware functions of
the
µPD17120 subseries.
Use
The manual assumes that the reader has a general knowledge of electricity, logic
circuits, microcontrollers.
• To understand the functions of the
µPD17120 subseries in a general way;
→ Read the manual from CHAPTER 1.
• To look up instruction functions in detail when you know the mnemonic of
an instruction;
→ Use APPENDIX D INSTRUCTION LIST.
• To look up an instruction when you do not know its mnemonic but know
outlines of the function;
→ Refer to 18.3 LIST OF THE INSTRUCTION SET for search for the mnemonic
of the instruction, then see 18.5 INSTRUCTIONS for the function.
• To look up electrical characteristics of the
µPD17120 subseries;
→ Refer to DATA SHEET.
Legend
Data representation weight
: High-order and low-order digits are indicated from
left to right.
Active low representation
:
××× (pin or signal name is overlined)
Address of memory map
: Top: low, Bottom: high
Note
: Explanation of Note in the text
Caution
: Caution to which you should pay attention
Remark
: Supplementary explanation to the text
Number representation
: Binary number
...
×××× or ××××B
Decimal number
...
×××× or ××××D
Hexadecimal number ...
××××H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com