Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC-48AD-PT-R4-F-S-A Datasheet(PDF) 3 Page - FOTEK CONTROLS CO., LTD.

Part # TC-48AD-PT-R4-F-S-A
Description  Temperature Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOTEK [FOTEK CONTROLS CO., LTD.]
Direct Link  http://www.fotek.com.tw/index4.asp
Logo FOTEK - FOTEK CONTROLS CO., LTD.

TC-48AD-PT-R4-F-S-A Datasheet(HTML) 3 Page - FOTEK CONTROLS CO., LTD.

  TC-48AD-PT-R4-F-S-A Datasheet HTML 1Page - FOTEK CONTROLS CO., LTD. TC-48AD-PT-R4-F-S-A Datasheet HTML 2Page - FOTEK CONTROLS CO., LTD. TC-48AD-PT-R4-F-S-A Datasheet HTML 3Page - FOTEK CONTROLS CO., LTD. TC-48AD-PT-R4-F-S-A Datasheet HTML 4Page - FOTEK CONTROLS CO., LTD. TC-48AD-PT-R4-F-S-A Datasheet HTML 5Page - FOTEK CONTROLS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
12
11
Model
TC-4896-DA-
-
DIN48 X 96
Alarm
Non
Method
Tolerance
Range
Method
Tolerance
Range
Dimension & Fixed Hole/
Outline
Fixed Hole ( Thickness 1~8mm )
Single Cutout Multi Juxtaposed Cutout
N
2
3
4
5
6
L
92.0 140.0 -188.0 236.0 284.0
TC-4896-DA-
-
-A
TC-4896-DA-
-
-AH
AL Alarm
AL+HB
-99~+99 , 0~199 , 0~399 , 0~599 , 0~999
Analog Deviation Meter
1.0% of F.S.
Digital Switch < 3 Digits >
0.5% of Setting Range
48.0
96.0
9.0
7.0
100.0
L=48N-4.0
L
91.5
91.5
TC-72-DN-
-
DIN72 X 72
68.0
68.0
Model
TC-72-DA-
-
-A
TC-72-DA-
-
Outline
Fixed Hole ( Thickness 1~8mm )
Model
TC-72-AA-
-
-A
TC-72-AA-
-
TC-72-AN-
-
Non
Non
AL Alarm
DIN72 X 72
68.0
68.0
Non
Non
Non
Analog Deviation Meter
1.0% of F.S.
Trimmer < Variable Resister >
1.0% of Setting Range
0~100 , 0~200 , 0~400 , 0~600 , 0~1200
AL Alarm
Non
Non
Analog Deviation Meter
1.0% of F.S.
Non
Non
Non
Digital Switch
0.5% of Setting Range
-99 ~+99 , 0~199 , 0~399 , 0~599 , 0~999 , 0~1199
Dimension & Fixed Hole/
Fixed
hole
68.0
68.0
117.0
19.0
72.0
FOTEK
TC-72-DA-A
AL
SB
+
-
KCa0399
+
-
MR
ON/OFF
Alarm
Method
Tolerance
Range
Method
Tolerance
Range
Alarm
Method
Tolerance
Range
Method
Tolerance
Range
40
+
-
44.5
40
+
-
40
+
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com