Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T25LQ128ASIPT Datasheet(PDF) 52 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25LQ128ASIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25LQ128ASIPT Datasheet(HTML) 52 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25LQ128ASIPT Datasheet HTML 48Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25LQ128ASIPT Datasheet HTML 49Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25LQ128ASIPT Datasheet HTML 50Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25LQ128ASIPT Datasheet HTML 51Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25LQ128ASIPT Datasheet HTML 52Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25LQ128ASIPT Datasheet HTML 53Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25LQ128ASIPT Datasheet HTML 54Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25LQ128ASIPT Datasheet HTML 55Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25LQ128ASIPT Datasheet HTML 56Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 74 page
background image
52
Figure 7.21 Word Read Quad I/O Instruction(Initial command or previous M5-4 ≠10)
Figure 7.22 Word Read Quad I/O Instruction(Initial command or previous M5-4 =10)
Word Read Quad I/O with “8/16/32/64-Byte Wrap Around” in Standard SPI mode
The Word Read Quad I/O instruction can also be used to access a specific portion within a page by
issuing a “Set Burst with Wrap” (77h) command prior to E7h. The “Set Burst with Wrap” (77h) command can
either enable or disable the “Wrap Around” feature for the following E7h commands. When “Wrap Around” is
enabled, the data being accessed can be limited to either an 8, 16, 32 or 64-byte section of a 256-byte page.
The output data starts at the initial address specified in the instruction, once it reaches the ending boundary of
the 8/16/32/64-byte section, the output will wrap around to the beginning boundary automatically until CS# is
pulled high to terminate the command.
The Burst with Wrap feature allows applications that use cache to quickly fetch a critical address and
then fill the cache afterwards within a fixed length (8/16/32/64-byte) of data without issuing multiple read
commands.
The “Set Burst with Wrap” instruction allows three “Wrap Bits”, W6-4 to be set. The W4 bit is used to
enable or disable the “Wrap Around” operation while W6-5 are used to specify the length of the wrap around
section within a page. See 7.3.9 for detail descriptions.
7.3.8 Octal Word Read Quad I/O (E3h)
The Octal Word Read Quad I/O (E3h) instruction is similar to the Fast Read Quad I/O (EBh) instruction
except that the lower four Address bits (A0, A1 , A2, A3) must equal 0. As a result, the dummy clocks are not
required, which further reduces the instruction overhead allowing even faster random access for code
execution (XIP). The Quad Enable bit (QE) of Status Register-2 must be set to enable the Octal Word Read
Quad I/O Instruction.
Octal Word Read Quad I/O with “Continuous Read Mode”
The Octal Word Read Quad I/O instruction can further reduce instruction overhead through setting the
“Continuous Read Mode” bits (M7-0) after the input Address bits (A23-0), as shown in Figure 7.23. The upper
nibble of the (M7-4) controls the length of the next Octal Word Read Quad I/O instruction through the inclusion
or exclusion of the first byte instruction code. The lower nibble bits of the (M3-0) are don’t care (“x”). However,
the IO pins should be high-impedance prior to the falling edge of the first data out clock.
If the “Continuous Read Mode” bits M5-4 = (1,0), then the next Fast Read Quad I/O instruction (after CS# is
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com