Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T25D80ASIPT Datasheet(PDF) 25 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25D80ASIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25D80ASIPT Datasheet(HTML) 25 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25D80ASIPT Datasheet HTML 21Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 22Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 23Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 24Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 25Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 26Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 27Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 28Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 29Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 74 page
background image
25
6.2.5 Sector / Block Protect (SEC)
The non-volatile Sector / Block Protect bit (SEC SR1[6]) controls if the Block Protect Bits (BP2, BP1, BP0)
protect either 4-kB Sectors (SEC=1) or 64-kB Blocks (SEC=0) of the array as shown in Section 6.4.2, Block
Protection Maps. The default setting is SEC=0.
6.2.6 Complement Protect (CMP)
The Complement Protect bit (CMP SR2[6]) is a non-volatile read / write bit in the Status Register (SR2[6]).
It is used in conjunction with SEC, TB, BP2, BP1 and BP0 bits to provide more flexibility for the array
protection. Once CMP is set to 1, previous array protection set by SEC, TB, BP2, BP1 and BP0 will be
reversed. For instance, when CMP=0, a top 4-kB sector can be protected while the rest of the array is not;
when CMP=1, the top 4-kB sector will become unprotected while the rest of the array become read-only.
Refer to Section 6.3.2, Block Protection Maps for details. The default setting is CMP=0.
6.2.7 The Status Register Protect (SRP1, SRP0)
The Status Register Protect bits (SRP1 and SRP0) are non-volatile read / write bits in the Status Register
(SR2[0] and SR1[7]). The SRP bits control the method of write protection: software protection, hardware
protection, power supply lock-down, or one time programmable (OTP) protection.
Table 6.4 Status Register Protect
SRP1
SRP0
WP#
Status Register
Description
0
0
X
Software Protection
WP# pin has no control. SR1 ,SR2 and SR3 can be written to
after a Write Enable command, WEL=1. [Factory Default]
0
1
0
Hardware Protected
When WP# pin is low the SR1, SR2 and SR3 are locked and
cannot be written.
0
1
1
Hardware
Unprotected
When WP# pin is high SR1 ,SR2 and SR3 are unlocked and
can be written to after a Write Enable command, WEL=1.
1
0
X
Power Supply Lock
Down
SR1 ,SR2 and SR3 are protected and cannot be written to again
until the next power-down, power-up cycle. (1)
1
1
X
One Time Program (2)
SR1 ,SR2 and SR3 are permanently protected and cannot be
written.
Notes:
1. When SRP1, SRP0 = (1, 0), a power-down, power-up, or Software Reset cycle will change SRP1, SRP0 to (0, 0) state.
2. The One-Time Program feature is available upon special order. Contact Zbit for details.
3. Busy, WEL, and SUS (SR1[1:0] and SR2[7]) are volatile read only status bits that are never affected by the Write Status
Registers command.
4. The non-volatile version of CMP, QE, SRP1, SRP0, SEC, TB, and BP2-BP0 (SR2[6,1,0] and SR1[6:2]) bits and the OTP
LB3-LB1 bits are not writable when protected by the SRP bits and WP# as shown in the table. The non-volatile version of
these Status Register bits is selected for writing when the Write Enable (06h) command precedes the Write Status Registers
(01h) command.
5. The volatile version of HRSW, DRV1, DRV0, HFQ, WPS, CMP, QE, SRP1, SRP0, SEC, TB, and BP2-BP0 (SR3[7:4,2],
SR2[6,1,0] and SR1[6:2]) bits are not writable when protected by the SRP bits and WP# as shown in the table. The volatile
version of these Status Register bits is selected for writing when the Write Enable for volatile Status Register (50h)
command precedes the Write Status Registers (01h) command. There is no volatile version of the LB3-LB1 bits and these
bits are not affected by a volatile Write Status Registers command.
6.2.8 Erase / Program Suspend Status (SUS)
The Suspend Status bit is a read only bit in the status register (SR2[7]) that is set to 1 after executing an
Erase / Program Suspend (75h) command. The SUS status bit is cleared to 0 by Erase / Program Resume
(7Ah) command as well as a power-down, power-up cycle.
6.2.9 Security Register Lock Bits (LB3, LB2, LB1)
The Security Register Lock Bits (LB3, LB2, LB1) are non-volatile One Time Program (OTP) bits in Status
Register (SR2[5:3]) that provide the write protect control and status to the Security Registers. The default
state of LB[3:1] is 0, Security Registers 1 to 3 are unlocked. LB[3:1] can be set to 1 individually using the Write
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com