Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T25D64ASIPT Datasheet(PDF) 16 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25D64ASIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25D64ASIPT Datasheet(HTML) 16 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25D64ASIPT Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D64ASIPT Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D64ASIPT Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D64ASIPT Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D64ASIPT Datasheet HTML 16Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D64ASIPT Datasheet HTML 17Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D64ASIPT Datasheet HTML 18Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D64ASIPT Datasheet HTML 19Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D64ASIPT Datasheet HTML 20Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 74 page
background image
16
Table 5.4 Basic SPI Flash Parameter, JEDEC SFDP Rev B (Sheet 2 of 5)
SFDP
Parameter
Relative
Byte
Address
SFDP Dword
Name
Data
Description
48h
JEDEC
Basic Flash
Parameter
Dword-7
FFh
Bits 7:0 = RFU = FFh
49h
FFh
Bits 15:8 = RFU = FFh
4Ah
FFh
Bits 23:21 = number of QPI Mode cycles = 010b
Bits 20:16 = number of QPI Dummy cycles = 00010b for default latency code
4Bh
EBh
QPI instruction code
4Ch
JEDEC
Basic Flash
Parameter
Dword-8
0Ch
Erase Type 1 size 2N Bytes = 4 kB = 0Ch (for Uniform 4 kB)
4Dh
20h
Erase Type 1 instruction
4Eh
0Fh
Erase Type 2 size 2N Bytes = 32 kB = 0Fh (for Uniform 32 kB)
4Fh
52h
Erase Type 2 instruction
50h
JEDEC
Basic Flash
Parameter
Dword-9
10h
Erase Type 3 size 2N Bytes =64 kB = 10h(for Uniform 64 kB)
51h
D8h
Erase Type 3 instruction
52h
00h
Erase Type 4 size 2N Bytes = not supported = 00h
53h
FFh
Erase Type 4 instruction = not supported = FFh
54h
JEDEC
Basic Flash
Parameter
Dword-4
13h
Bits 31:30 = Erase Type 4 Erase, Typical time units (00b: 1 ms, 01b: 16 ms,
10b: 128 ms, 11b:1 s) = RFU = 11b
Bits 29:25 = Erase Type 4 Erase, Typical time count = RFU = 11111b (typ erase
time = (count+1) * units) = RFU =11111
Bits 24:23 = Erase Type 3 Erase, Typical time units (00b: 1 ms, 01b: 16 ms,
10b: 128 ms, 11b:1 s) = RFU = 01b
Bits 22:18 = Erase Type 3 Erase, Typical time count = 01111b (typ erase time =
(count +1) *units) = 16*16 ms =250ms
Bits 17:16 = Erase Type 2 Erase, Typical time units (00b: 1 ms, 01b: 16 ms,
10b: 128 ms, 11b:1 s) = 16 ms = 01b
Bits 15:11 = Erase Type 2 Erase, Typical time count = 01011b (typ erase time =
(count +1) *units) = 12*16 ms = 180 ms
Bits 10:9 = Erase Type 1 Erase, Typical time units (00b: 1 ms, 01b: 16 ms, 10b:
128 ms, 11b: 1s) = 16ms = 01b
Bits 8:4 = Erase Type 1 Erase, Typical time count = 00001b (typ erase time =
(count +1) *units) = 2*16 ms = 35 ms
Bits 3:0 = Count = (Max Erase time / (2 * Typical Erase time))- 1 = 0011b
Multiplier from typical erase time to maximum erase time = 8x multiplier
Max Erase time = 2*(Count +1)*Typ Erase time
Binary Fields: 1111111_0101111_0101011_0100001_0011
Nibble Format: 1111_1110_1011_1101_0101_1010_0001_0011
Hex Format: FE_BD_5A_13
55h
5Ah
56h
BDh
57h
FEh
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com