Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T25D40CSIPT Datasheet(PDF) 15 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25D40CSIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25D40CSIPT Datasheet(HTML) 15 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25D40CSIPT Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D40CSIPT Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D40CSIPT Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D40CSIPT Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D40CSIPT Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D40CSIPT Datasheet HTML 16Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D40CSIPT Datasheet HTML 17Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D40CSIPT Datasheet HTML 18Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D40CSIPT Datasheet HTML 19Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 74 page
background image
15
5.2.4 JEDEC SFDP Basic SPI Flash Parameter
Table 5.4 Basic SPI Flash Parameter, JEDEC SFDP Rev B (Sheet 1 of 5)
SFDP
Parameter
Relative
Byte
Address
SFDP Dword
Name
Data
Description
30h
JEDEC
Basic Flash
Parameter
Dword-1
E5h
Start of SFDP JEDEC parameter
Bits 7:5 = unused = 111b
Bit 4:3 = 05h is volatile status register write instruction and status register is
default non-volatile= 00b
Bit 2 = Program Buffer > 64 bytes = 1
Bits 1:0 = Uniform 4-kB erase is supported throughout the device = 01b
31h
20h
Bits 15:8 = Uniform 4-kB erase instruction = 20h
32h
F1h
Bit 23 = Unused = 1b
Bit 22 = Supports QOR Read (1-1-4), Yes = 1b
Bit 21 = Supports QIO Read (1-4-4),Yes =1b
Bit 20 = Supports DIO Read (1-2-2), Yes = 1b
Bit19 = Supports DDR, No= 0 b
Bit 18:17 = Number of Address Bytes 3 only = 00b
Bit 16 = Supports SIO and DIO Yes = 1b
Binary Field: 1-1-1-1-0-00-1
Nibble Format: 1111_0001
Hex Format: F1
33h
FFh
Bits 31:24 = Unused = FFh
34h
JEDEC
Basic Flash
Parameter
Dword-2
FFh
Density in bits, zero based,
32 Mb = 01FFFFFFh
64 Mb = 03FFFFFFh
128 Mb = 07FFFFFFh
35h
FFh
36h
FFh
37h
07h
38h
JEDEC
Basic Flash
Parameter
Dword-3
44h
Bits 7:5 = number of QIO (1-4-4)Mode cycles = 010b
Bits 4:0 = number of Fast Read QIO Dummy cycles = 00100b for default
latency code
39h
EBh
Fast Read QIO (1-4-4)instruction code
3Ah
08h
Bits 23:21 = number of Quad Out (1-1-4) Mode cycles = 000b
Bits 20:16 = number of Quad Out Dummy cycles = 01000b for default latency
code
3Bh
6Bh
Quad Out (1-1-4)instruction code
3Ch
JEDEC
Basic Flash
Parameter
Dword-4
08h
Bits 7:5 = number of Dual Out (1-1-2)Mode cycles = 000b
Bits 4:0 = number of Dual Out Dummy cycles = 01000b for default latency code
3Dh
3Bh
Dual Out (1-1-2) instruction code
3Eh
80h
Bits 23:21 = number of Dual I/O Mode cycles = 100b
Bits 20:16 = number of Dual I/O Dummy cycles = 00000b for default latency
code
3Fh
BBh
Dual I/O instruction code
40h
JEDEC
Basic Flash
Parameter
Dword-5
FEh
Bits 7:5 RFU = 111b
Bit 4 = QPI (4-4-4) fast read commands supported = 1b
Bits 3:1 RFU = 111b
Bit 0 = Dual All not supported = 0b
41h
FFh
Bits 15:8 = RFU = FFh
42h
FFh
Bits 23:16 = RFU = FFh
43h
FFh
Bits 31:24 = RFU = FFh
44h
JEDEC
Basic Flash
Parameter
Dword-6
FFh
Bits 7:0 = RFU = FFh
45h
FFh
Bits 15:8 = RFU = FFh
46h
FFh
Bits 23:21 = number of Dual All Mode cycles = 111b
Bits 20:16 = number of Dual All Dummy cycles = 11111b
47h
FFh
Dual All instruction code
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com