Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SD6303E40C Datasheet(PDF) 4 Page - SHOUDING Shouding Semiconductor

Part # SD6303E40C
Description  PFM boost DC-DC converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD6303E40C Datasheet(HTML) 4 Page - SHOUDING Shouding Semiconductor

  SD6303E40C Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD6303E40C Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD6303E40C Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD6303E40C Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD6303E40C Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD6303E40C Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD6303E40C Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD6303E40C Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD6303E40C Datasheet HTML 9Page - SHOUDING Shouding Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SD6303
EXXPO
SD6303
SD6303
LXXF
EXXT
SD6303
4
管脚定义
管脚
名称
产品型号、封装和管脚号
管脚
类型
描述
SOT23
SOT23-5
SOT23-5
SOT89-3
TO-92
LX
2
5
5
3
3
输出
开关信号输出端
EXT
-
-
3
-
-
输出
外围 MOS 管的
输出驱动端
VOUT
3
2
2
2
2
输入
输入电压
EN
-
1
1
-
-
输入
芯片使能端,高
电平有效
GND
1
4
4
1
1
地
电源地
NC
-
3
-
-
-
悬空
悬空不连接
内部电路方框图
PFM控制
振荡器
带隙基准
芯片使能
控制
限流比较器
误差放大器
缓冲器
1.24V
LX
EXT
EN
GND
VOUT
图 2:
的内部电路方框图
EXXT
SD6303
EXXT
SD6303
SD6303
PFM 升压 DC-DC 变换器
SHOUDING
SD6303_ DS03CN
www.shouding.net



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com