Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BULB49D Datasheet(PDF) 1 Page - STMicroelectronics

Part # BULB49D
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BULB49D Datasheet(HTML) 1 Page - STMicroelectronics

  BULB49D Datasheet HTML 1Page - STMicroelectronics BULB49D Datasheet HTML 2Page - STMicroelectronics BULB49D Datasheet HTML 3Page - STMicroelectronics BULB49D Datasheet HTML 4Page - STMicroelectronics BULB49D Datasheet HTML 5Page - STMicroelectronics BULB49D Datasheet HTML 6Page - STMicroelectronics BULB49D Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
September 2003
BULB49D
HIGH VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTOR
s
HIGH VOLTAGE CAPABILITY
s
LOW SPREAD OF DYNAMIC PARAMETERS
s
MINIMUM LOT-TO-LOT SPREAD FOR
RELIABLE OPERATION
s
VERY HIGH SWITCHING SPEED
s
HIGH RUGGEDNESS
s
SURFACE MOUNTING TO-263 (D2PAK)
POWER PACKAGE IN TAPE & REEL
(SUFFIX “T4”)
APPLICATIONS:
s
ELECTRONIC TRANSFORMERS FOR
HALOGEN LAMPS
s
FLYBACK AND FORWARD SINGLE
TRANSISTOR LOW POWER CONVERTERS
DESCRIPTION
The device is manufactured using High Voltage
Multi Epitaxial Planar technology for high switching
speeds and high voltage capability.
The BULB49D is designed for use in electronic
transformers for halogen lamps.
ABSOLUTE MAXIMUM RATINGS
Ordering Code
Marking
Package / Shipment
BULB49DT4
BULB49D
D2PAK / Tape & Reel
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VBE = 0)
850
V
VCEO
Collector-Emitter Voltage (IB = 0)
450
V
VEBO
Emitter-Base Voltage (IC = 0, IB < 2 A, tp < 10 ms)
V(BR)EBO
V
IC
Collector Current
5
A
ICM
Collector Peak Current (tp < 5 ms)
10
A
IB
Base Current
2
A
IBM
Base Peak Current (tp < 5 ms)
4A
Ptot
Total Dissipation at Tc = 25 °C
80
W
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
TO-263
D2PAK
(Suffix ”T4”)
1
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - BULB49D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BULB49D STMICROELECTRONICS-BULB49D Datasheet
275Kb / 11P
High voltage fast-switching NPN power transistor
21-Jul-2006
BULB49D STMICROELECTRONICS-BULB49D Datasheet
443Kb / 15P
High voltage fast-switching NPN power transistors
09-Jun-2008
BULB49D-1 STMICROELECTRONICS-BULB49D-1 Datasheet
443Kb / 15P
High voltage fast-switching NPN power transistors
09-Jun-2008
BULB49DT4 STMICROELECTRONICS-BULB49DT4 Datasheet
275Kb / 11P
High voltage fast-switching NPN power transistor
21-Jul-2006
BULB49DT4 STMICROELECTRONICS-BULB49DT4 Datasheet
443Kb / 15P
High voltage fast-switching NPN power transistors
09-Jun-2008
More results

Similar Description - BULB49D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com