Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CFD13W/4P/827 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # CFD13W/4P/827
Description  13 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G24Q-1 (4-Pin) base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

CFD13W/4P/827 Datasheet(HTML) 1 Page - Satco Products, Inc.

  CFD13W/4P/827 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S8329
CFD13W/4P/827
13 watt; pin-based Compact Fluorescent; 2700K; 82 CRI;
G24Q-1 (4-Pin) base
Features
Non-integrated Pin Based CFL
Uses 75% less energy than equivalent incandescent lamps
TCLP compliant for low mercury
Meets RoHS standards
S8329
Item Number
Product Line
UPC
Watts
Lamp Shape
Base
ANSI Base
Lamp Code
S8329
HyGrade
045923083297
13
T4
G24Q-1
G24q-1
CFD13W/4P/827
MOL In Inches
Initial Lumens
Average Rated Hours
Kelvin Temp
Color
Pack
Package Type
CRI
5-3/16''
900
15000
2700
Warm White
50
Hang Box
82
CEC Status
Hg Content
RoHS Compliant
UL or ETL Listed
Warranty
Lawful for sale in California
4.0 mg
Yes
Yes
2 Year Limited


Similar Part No. - CFD13W/4P/827

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
CFD13W/4P/835 SATCO-CFD13W/4P/835 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; G24Q-1 (4-Pin) base
More results

Similar Description - CFD13W/4P/827

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S4438 SATCO-S4438 Datasheet
125Kb / 1P
13 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G24Q-1 (4-Pin) base
S6729 SATCO-S6729 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G24Q-1 (4-Pin) base
S6730 SATCO-S6730 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; G24Q-1 (4-Pin) base
S6731 SATCO-S6731 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; G24Q-1 (4-Pin) base
S6732 SATCO-S6732 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; G24Q-1 (4-Pin) base
S6733 SATCO-S6733 Datasheet
123Kb / 1P
18 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G24Q-2 (4-Pin) base
S8331 SATCO-S8331 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; G24Q-1 (4-Pin) base
S8333 SATCO-S8333 Datasheet
123Kb / 1P
18 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G24Q-2 (4-Pin) base
S8366 SATCO-S8366 Datasheet
122Kb / 1P
13 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; 2GX7 (4-Pin) base
S8399 SATCO-S8399 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; GX24q-1 (4-Pin) base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com