Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CFD26W/4P/830 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # CFD26W/4P/830
Description  26 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; G24Q-3 (4-Pin) base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

CFD26W/4P/830 Datasheet(HTML) 1 Page - Satco Products, Inc.

  CFD26W/4P/830 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S8338
CFD26W/4P/830
26 watt; pin-based Compact Fluorescent; 3000K; 82 CRI;
G24Q-3 (4-Pin) base
Features
Non-integrated Pin Based CFL
Uses 75% less energy than equivalent incandescent lamps
TCLP compliant for low mercury
Meets RoHS standards
S8338
Item Number
Product Line
UPC
Watts
Lamp Shape
Base
ANSI Base
Lamp Code
S8338
HyGrade
045923083389
26
T4
G24Q-3
G24q-3
CFD26W/4P/830
MOL In Inches
Initial Lumens
Average Rated Hours
Kelvin Temp
Color
Pack
Package Type
CRI
6-1/2''
1825
15000
3000
Warm White
50
Hang Box
82
CEC Status
Hg Content
RoHS Compliant
UL or ETL Listed
Warranty
Lawful for sale in California
4.0 mg
Yes
Yes
2 Year Limited


Similar Part No. - CFD26W/4P/830

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
CFD26W/4P/835 SATCO-CFD26W/4P/835 Datasheet
123Kb / 1P
26 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; G24Q-3 (4-Pin) base
More results

Similar Description - CFD26W/4P/830

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S6726 SATCO-S6726 Datasheet
123Kb / 1P
26 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; G24d-3 base
S6730 SATCO-S6730 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; G24Q-1 (4-Pin) base
S6734 SATCO-S6734 Datasheet
123Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; G24Q-2 (4-Pin) base
S6746 SATCO-S6746 Datasheet
124Kb / 1P
26 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; GX24q-3 (4-Pin) base
S6750 SATCO-S6750 Datasheet
124Kb / 1P
32 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; GX24q-3 (4-Pin) base
S8326 SATCO-S8326 Datasheet
123Kb / 1P
26 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; G24d-3 base
S8334 SATCO-S8334 Datasheet
123Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; G24Q-2 (4-Pin) base
S8339 SATCO-S8339 Datasheet
123Kb / 1P
26 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; G24Q-3 (4-Pin) base
S8340 SATCO-S8340 Datasheet
123Kb / 1P
26 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; G24Q-3 (4-Pin) base
S8346 SATCO-S8346 Datasheet
123Kb / 1P
26 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; GX24q-3 (4-Pin) base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com