Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD25Q40CSIG Datasheet(PDF) 18 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q40CSIG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q40CSIG Datasheet(HTML) 18 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q40CSIG Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSIG Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSIG Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSIG Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSIG Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSIG Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSIG Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSIG Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSIG Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q40C
18
7.5.
Write Enable for Volatile Status Register (50H)
The non-volatile Status Register bits can also be written to as volatile bits. This gives more flexibility to change the
system configuration and memory protection schemes quickly without waiting for the typical non-volatile bit write cycles or
affecting the endurance of the Status Register non-volatile bits. The Write Enable for Volatile Status Register command
must be issued prior to a Write Status Register command, and any other commands cannot be inserted between them.
Otherwise, Write Enable for Volatile Status Register will be cleared. The Write Enable for Volatile Status Register command
will not set the Write Enable Latch bit, it is only valid for the Write Status Register command to change the volatile Status
Register bit values.
Figure 6. Write Enable for Volatile Status Register Sequence Diagram
7.6. Read Data Bytes (READ) (03H)
The Read Data Bytes (READ) command is followed by a 3-byte address (A23-A0), each bit being latched-in during
the rising edge of SCLK. Then the memory content, at that address, is shifted out on SO, each bit being shifted out, at a
Max frequency fR, during the falling edge of SCLK. The first byte addressed can be at any location. The address is
automatically incremented to the next higher address after each byte of data is shifted out. The whole memory can, therefore,
be read with a single Read Data Bytes (READ) command. Any Read Data Bytes (READ) command, while an Erase,
Program or Write cycle is in progress, is rejected without having any effects on the cycle that is in progress.
Figure 7. Read Data Bytes Sequence Diagram
Command
0
1
2
3
4
5
6
7
03H
CS#
SCLK
SI
SO
High-Z
8
9 10
28 29 30 31 32
MSB
3
2
1
0
34 35 36 37
33
23 22 21
7
6
5
4
3
2
1
0
38 39
24-bit address
MSB
Data Out1
Data Out2
CS#
SCLK
Command(50H)
SI
SO
0
1
2
3
4
5
6
7
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com