Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD25Q127CSIS Datasheet(PDF) 8 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q127CSIS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q127CSIS Datasheet(HTML) 8 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q127CSIS Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CSIS Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 79 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q127C
8
3. MEMORY ORGANIZATION
GD25Q127C
Each device has
Each block has
Each sector has
Each page has
16M
64/32K
4K
256
bytes
64K
256/128
16
-
pages
4096
16/8
-
-
sectors
256/512
-
-
-
blocks
UNIFORM BLOCK SECTOR ARCHITECTURE
GD25Q127C 64K Bytes Block Sector Architecture
Block
Sector
Address range
255
4095
FFF000H
FFFFFFH
……
……
……
4080
FF0000H
FF0FFFH
254
4079
FEF000H
FEFFFFH
……
……
……
4064
FE0000H
FE0FFFH
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
2
47
02F000H
02FFFFH
……
……
……
32
020000H
020FFFH
1
31
01F000H
01FFFFH
……
……
……
16
010000H
010FFFH
0
15
00F000H
00FFFFH
……
……
……
0
000000H
000FFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com