Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD25R256D Datasheet(PDF) 74 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25R256D
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25R256D Datasheet(HTML) 74 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25R256D Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 82 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25R256D
74
8.6. AC CHARACTERISTICS
Table 30 AC CHARACTERISTICS (T= -40℃~85℃, VCC=2.7~3.6V, CL=30pf)
Symbol
Parameter
Min.
Typ.
Max.
Unit.
fC
Serial Clock Frequency for all instructions except Read
104
MHz
fC1
Serial Clock Frequency for Dual I/O (BBH, BCH), Quad I/O
(EBH, ECH), Dual Output (3BH, 3CH), Quad Output (6BH,
6CH), Fast Read (0BH, 0CH) instructions, on 3.0
– 3.6V
power supply
104
MHz
fC2
Serial Clock Frequency for Dual I/O (BBH, BCH), Quad I/O
(EBH, ECH), Dual Output (3BH, 3CH), Quad Output (6BH,
6CH), Fast Read (0BH, 0CH) instructions, on 2.7
– 3.0V
power supply
80
MHz
fR
Serial Clock Frequency For: Read (03H, 13H)
50
MHz
tCLH
Serial Clock High Time
3.7
ns
tCLL
Serial Clock Low Time
3.7
ns
tCLCH
Serial Clock Rise Time (Slew Rate)
0.2
V/ns
tCHCL
Serial Clock Fall Time (Slew Rate)
0.2
V/ns
tSLCH
CS# Active Setup Time
8
ns
tCHSH
CS# Active Hold Time
5
ns
tSHCH
CS# Not Active Setup Time
5
ns
tCHSL
CS# Not Active Hold Time
5
ns
tSHSL
CS# High Time (Read/Write)
20
ns
tSHQZ
Output Disable Time
6
ns
tCLQX
Output Hold Time
1.8
ns
tDVCH
Data In Setup Time
2
ns
tCHDX
Data In Hold Time
2
ns
tCLQV
Clock Low To Output Valid
7
ns
tDP
CS# High To Deep Power-Down Mode
20
μs
tRES1
CS# High To Standby Mode Without Electronic Signature
Read
30
μs
tRES2
CS# High To Standby Mode With Electronic Signature Read
30
μs
tSUS
CS# High To Next Command After Suspend
20
μs
tRS
Latency Between Resume And Next Suspend
100
μs
tRST
CS# High To Next Command After Reset (Except From
Erase)
30
μs
tRST_E
CS# High To Next Command After Reset (From Erase)
12
ms
tW
Write Status Register Cycle Time
5
20
ms
tBP1
Byte Program Time (First Byte)
30
50
μs
tBP2
Additional Byte Program Time (After First Byte)
2.5
12
μs
tPP
Page Programming Time
0.4
2.4
ms
tSE
Sector Erase Time
70
400
ms
tBE1
Block Erase Time (32K Bytes)
0.16
0.8
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com