Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD25S512MDFIG Datasheet(PDF) 85 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25S512MDFIG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25S512MDFIG Datasheet(HTML) 85 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25S512MDFIG Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIG Datasheet HTML 80Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIG Datasheet HTML 81Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIG Datasheet HTML 82Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIG Datasheet HTML 83Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIG Datasheet HTML 84Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIG Datasheet HTML 85Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIG Datasheet HTML 86Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIG Datasheet HTML 87Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 85 / 87 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25S512MD
85
10.3.
Package TFBGA-24BALL (5*5 ball array)
E
D
E1
D1
e
e
b
A
A2
A1
A
B
C
D
E
A
B
C
D
E
5
4
3
2
1
5
4
3
2
1
Dimensions
Symbol
A
A1
A2
b
E
E1
D
D1
e
Unit
mm
Min
-
0.25
0.75
0.35
5.90
4.00
7.90
4.00
1.00
Nom
-
0.30
0.80
0.40
6.00
8.00
Max
1.20
0.35
0.85
0.45
6.10
8.10
Note: Both the package length and width do not include the mold flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com