Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD25R256DFIR Datasheet(PDF) 81 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25R256DFIR
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25R256DFIR Datasheet(HTML) 81 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25R256DFIR Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 80Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 81Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIR Datasheet HTML 82Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 81 / 82 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25R256D
81
11. REVISION HISTORY
Version No.
Description
Page
Date
1.0
Initial Release
All
2017-12-5
1.1
Modify the sequence diagram of 42H command
Modify tVSL min value from 5ms to 2.5ms
Modify CIN max value from 6pF to 12pF
Modify COUT max value from 8pF to 16pF
Modify ILI and ILO from ±2uA to ±4uA
Modify Icc1 from 15-50uA to 13-55uA
Modify Icc2 from 1-8uA to 2-13uA
Add tRS, of which the min value is 100us
Modify tw typ. value from 1ms to 5ms
Modify tpp typ.value from 0.6ms to 0.4ms
Modify tBE1 typ.value from 0.2s to 0.16s
Modify tBE2 typ.value from 0.3s to 0.22s
Modify tCE form 100~240s to 70~200s
P58
P71
P72
P72
P73
P73
P73
P74
P74
P74
P74
P75
P75
2019-2-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com