Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD25S512MDFIS Datasheet(PDF) 18 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25S512MDFIS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25S512MDFIS Datasheet(HTML) 18 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25S512MDFIS Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIS Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIS Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIS Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIS Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIS Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIS Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIS Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIS Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 87 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25S512MD
18
7. COMMANDS DESCRIPTION
All commands, addresses and data are shifted in and out of the device, beginning with the most significant bit on the
first rising edge of SCLK after CS# is driven low. Then, the one-Byte command code must be shifted in to the device, with
most significant bit first on SI, and each bit being latched on the rising edges of SCLK.
Every command sequence starts with a one-Byte command code. Depending on the command, this might be followed
by address Bytes, or by data Bytes, or by both or none. CS# must be driven high after the last bit of the command sequence
has been completed. For the command of Read, Fast Read, Read Status Register or Release from Deep Power-Down,
and Read Device ID, the shifted-in command sequence is followed by a data-out sequence. All read instruction can be
completed after any bit of the data-out sequence is being shifted out, and then CS# must be driven high to return to
deselected status.
For the command of Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register, Write Enable,
Write Disable or Deep Power-Down command, CS# must be driven high exactly at a Byte boundary, otherwise the command
is rejected, and is not executed. That is CS# must be driven high when the number of clock pulses after CS# being driven
low is an exact multiple of eight. For Page Program, if at any time the input Byte is not a full Byte, nothing will happen and
WEL will not be reset.
When the device is in 3-Byte address mode (ADS=0), please refer to command set in table13 & table14. When the
device is in 4-Byte address mode (ADS=1), please refer to command set in table13 & table15.
Extended Address Register setting is effective to achieve A31-A24, accompanying A23-A0 within the instruction, when
commands listed in table14 are executed.
Extended Address Register setting is ignored when A31-A24 are given in the instruction listed in table 15 and some
specific instruction from table13 (13H, 0CH, 3CH, 6CH, BCH, ECH).
Table 13. Commands (Standard/Dual/Quad SPI, 3-Byte & 4-Byte address mode)
Command
Name
Add
Mode
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
n-Bytes
Software Die
Select
3 & 4
C2H
Die ID#
Read Active
Die ID#
3 & 4
F8H
(Die ID#)
Write Enable
3 & 4
06H
Write Disable
3 & 4
04H
Volatile SR
Write Enable
3 & 4
50H
Read Status
Register-1
3 & 4
05H
(S7-S0)
(cont.)
Read Status
Register-2
3 & 4
35H
(S15-S8)
(cont.)
Read Status
Register-3
3 & 4
15H
(S23-S16)
Write Status
Register-1
3 & 4
01H
S7-S0
Write Status
Register-1&2
3 & 4
01H
S7-S0
S15-S8
Write Status
Register-2
3 & 4
31H
S15-S8
Write Status
Register-3
3 & 4
11H
S23-S16
Read
Extended
3 & 4
C8H
(EA7-EA0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com