Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M95320-BN3 Datasheet(PDF) 25 Page - STMicroelectronics

Part # M95320-BN3
Description  32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-BN3 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M95320-BN3 Datasheet HTML 21Page - STMicroelectronics M95320-BN3 Datasheet HTML 22Page - STMicroelectronics M95320-BN3 Datasheet HTML 23Page - STMicroelectronics M95320-BN3 Datasheet HTML 24Page - STMicroelectronics M95320-BN3 Datasheet HTML 25Page - STMicroelectronics M95320-BN3 Datasheet HTML 26Page - STMicroelectronics M95320-BN3 Datasheet HTML 27Page - STMicroelectronics M95320-BN3 Datasheet HTML 28Page - STMicroelectronics M95320-BN3 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
25/42
M95640, M95320
Table 17. DC Characteristics (M95320 and M95640, Device Grade 3)
Note: 1. For all 5V range devices, the device meets the output requirements for both TTL and CMOS standards.
2. Previous product version is identified by Process Identification letter ‘S’.
3. Current product version is identified by Process Identification letters ‘B’.
4. New product version is identified by Process Identification letters ‘P’.
5. Preliminary data.
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current
VIN = VSS or VCC
± 2
µA
ILO
Output Leakage Current
S = VCC, VOUT = VSS or VCC
± 2
µA
ICC
Supply Current
C = 0.1VCC/0.9VCC at 2MHz,
VCC = 5V, Q = open, Previous Product
2
2mA
C = 0.1VCC/0.9VCC at 5MHz,
VCC = 5V, Q = open, Current Product
3
4mA
C=0.1VCC/0.9VCC at 20MHz,
VCC = 5V, Q = open, New Product
4,5
12
mA
ICC1
Supply Current
(Standby)
S = VCC , VCC = 5V,
VIN = VSS or VCC, Previous Product
2
20
µA
S = VCC, VCC = 5V,
VIN = VSS or VCC, Current Product
3
5µA
S = VCC , VCC = 5V,
VIN = VSS or VCC, New Product
4,5
2µA
VIL
Input Low Voltage
–0.45
0.3 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC+1
V
VOL
1
Output Low Voltage
IOL = 2mA, VCC = 5V
0.4
V
VOH
1
Output High Voltage
IOH = –2mA, VCC = 5V
0.8 VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com