Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC-48AD-PT-R05-F-S-AH Datasheet(PDF) 5 Page - FOTEK CONTROLS CO., LTD.

Part # TC-48AD-PT-R05-F-S-AH
Description  Temperature Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOTEK [FOTEK CONTROLS CO., LTD.]
Direct Link  http://www.fotek.com.tw/index4.asp
Logo FOTEK - FOTEK CONTROLS CO., LTD.

TC-48AD-PT-R05-F-S-AH Datasheet(HTML) 5 Page - FOTEK CONTROLS CO., LTD.

  TC-48AD-PT-R05-F-S-AH Datasheet HTML 1Page - FOTEK CONTROLS CO., LTD. TC-48AD-PT-R05-F-S-AH Datasheet HTML 2Page - FOTEK CONTROLS CO., LTD. TC-48AD-PT-R05-F-S-AH Datasheet HTML 3Page - FOTEK CONTROLS CO., LTD. TC-48AD-PT-R05-F-S-AH Datasheet HTML 4Page - FOTEK CONTROLS CO., LTD. TC-48AD-PT-R05-F-S-AH Datasheet HTML 5Page - FOTEK CONTROLS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
20
Illustration/
19
Control Output
ON/OFF LED Turn to Green Color , Control Output Turn ON.
ON/OFF LED Turn to Red Color , Control Output Turn OFF.
but , Linear Output Type That ON/OFF LED Turn to Green Color.
()
Sensor Break Alarm SB
SB LED Turn ON when Sensor Break.
SB
Stand-by/Over-heat Alarm (AL)
SV = Setting Value
AV1/AV2 = Stand-by/Over-heat Value
DIP Switch to Select Function
on Inner PC Board
DIP
Stand-by Alarm
Over-heat Alarm
Stand-by/ Over-heat Alarm
Heater Break Alarm (HB)
Heater Break Alarm Output Turns ON when the Current of Heater Lower than Setting Value that may set at
Front Panel. ( 0.5A~25A standard/1.0A~50A Optioned )
0.5A~25A
1.0A~50A
P+D ON/OFF
SV
SV
()
ON/OFF S
SV
PV
SV
PV
Process Value
Proportion
SV
SV
PV
Process Value



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com