Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LGU-75C Datasheet(PDF) 1 Page - PAIRUI GROUP INC.

Part # LGU-75C
Description  LED Power Supplies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LGU-75C Datasheet(HTML) 1 Page - PAIRUI GROUP INC.

  LGU-75C_19 Datasheet HTML 1Page - PAIRUI GROUP INC. LGU-75C_19 Datasheet HTML 2Page - PAIRUI GROUP INC. LGU-75C_19 Datasheet HTML 3Page - PAIRUI GROUP INC. LGU-75C_19 Datasheet HTML 4Page - PAIRUI GROUP INC. LGU-75C_19 Datasheet HTML 5Page - PAIRUI GROUP INC. LGU-75C_19 Datasheet HTML 6Page - PAIRUI GROUP INC. LGU-75C_19 Datasheet HTML 7Page - PAIRUI GROUP INC. LGU-75C_19 Datasheet HTML 8Page - PAIRUI GROUP INC. LGU-75C_19 Datasheet HTML 9Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Specifications
LED Power Supplies for Outdoor Use
LGU-75C Series, 75W
PAIRUI ELECTRONICS
Tel: 86
(514) 8279 1592
Fax: 86 (514) 8769 3159
No. 545 Museum Road
Yangzhou, Jiangsu
China 225009
2019-V1.1-0311
2019


Similar Part No. - LGU-75C_19

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LGU-75C PAIRUI-LGU-75C Datasheet
776Kb / 10P
LED Power Supplies
More results

Similar Description - LGU-75C_19

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LGCU-150C PAIRUI-LGCU-150C Datasheet
716Kb / 10P
LED Power Supplies
LGEU-60CV PAIRUI-LGEU-60CV Datasheet
775Kb / 10P
LED Power Supplies
LGEU-75CV PAIRUI-LGEU-75CV Datasheet
772Kb / 10P
LED Power Supplies
LGEU-250CV PAIRUI-LGEU-250CV Datasheet
785Kb / 10P
LED Power Supplies
LGSU-100C PAIRUI-LGSU-100C Datasheet
721Kb / 10P
LED Power Supplies
LGSU-150C PAIRUI-LGSU-150C Datasheet
721Kb / 10P
LED Power Supplies
LGCU-35C PAIRUI-LGCU-35C Datasheet
646Kb / 8P
LED Power Supplies
LGCU-60C PAIRUI-LGCU-60C_19 Datasheet
716Kb / 9P
LED Power Supplies
LGSU-185C PAIRUI-LGSU-185C_19 Datasheet
834Kb / 10P
LED Power Supplies
LGSU-250C PAIRUI-LGSU-250C_19 Datasheet
835Kb / 10P
LED Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com