Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC-48DA-PT-R2-F-S-AH Datasheet(PDF) 1 Page - FOTEK CONTROLS CO., LTD.

Part # TC-48DA-PT-R2-F-S-AH
Description  Temperature Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOTEK [FOTEK CONTROLS CO., LTD.]
Direct Link  http://www.fotek.com.tw/index4.asp
Logo FOTEK - FOTEK CONTROLS CO., LTD.

TC-48DA-PT-R2-F-S-AH Datasheet(HTML) 1 Page - FOTEK CONTROLS CO., LTD.

  TC-48DA-PT-R2-F-S-AH Datasheet HTML 1Page - FOTEK CONTROLS CO., LTD. TC-48DA-PT-R2-F-S-AH Datasheet HTML 2Page - FOTEK CONTROLS CO., LTD. TC-48DA-PT-R2-F-S-AH Datasheet HTML 3Page - FOTEK CONTROLS CO., LTD. TC-48DA-PT-R2-F-S-AH Datasheet HTML 4Page - FOTEK CONTROLS CO., LTD. TC-48DA-PT-R2-F-S-AH Datasheet HTML 5Page - FOTEK CONTROLS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
10
Sensor Type
Output Method
Control Method
Proportion Band
Cycle Time
Manual Reset
Unit of Degree
Setting Method
Setting Range
Output Method
Setting Method
Setting Range
Output Method
Power Supply
Current Consumption
Insulation Resistance
Dielectrical Strength
Operating Temp./Hum
Vibration Resistance
Panel Thickness
K < CA > , J < IC > or PT-100
Relay< 5A / 250VAC >,Voltage < 20mA / 12V >,Linear < 4~20mA >
P+D ON/OFF , ON/OFF or Proportion
Appro 2.5% of F.S.
2 Sec or 20 Sec < ON+OFF >
Trimmer , Range
10
C or F
Trimmer ( AL )
0 ~ +50 , 0 ~ -50 or -50 ~ +50 of Setting Value
Relay , 0.5A/250VAC
Trimmer (HB)
0.5A~25A ; 1.0A~50A
Relay , 0.5A/250VAC
110 / 220 VAC
20%
50 / 60Hz
2.5VA max.
Over
50M
/500 VDC Between Power And Another Terminal
1.0~8.0mm
Over
2.5KV / 1min Between Power And Another Terminal
-20 C ~+60 C ; 35%~85% RH
10~55Hz / 1.5mm , 2Hrs in X.Y.Z Direction
Attachment
CT provided with Heater Break Alarm type only.
CT
General Data
AL Alarm
Al
HB Alarm
Hb
Electrical
Data
Mechanical
Data
9
6
6
7
8
9
10
7
8
9 10
5
5
4
4
3
3
1
1
With Cold Junction Compensation,
Suited to Operated at -20 C ~ +60 C
All type with Sensor Break Alarm LED.
With P+D Control to Control Temperature Easily.
High Accuracy of Displaying & Setting
Less than 0.5% of F.S.
With Stand-by/Over-heat Alarm.( Optioned ).
With Heater Break Alarm.( Optioned ).
-20 C ~ +60 C
P+D
0.5%
(
)
(
)
Guiding of Model
Product
Range of Setting
TC = Temperature Controller
Digital Switch
Trimmer
Outline
0 = -99 ~ + 99
05 = -50 ~
+50
48 = 48(W) X 48(H) mm X mm
1 =
0 ~ +199
1 =
0 ~ +100
4896 = 48(W) X 96(H) mm X mm
3 =
0 ~ +399
2 =
0 ~ +200
72 = 72(W) X 72(H) mm X mm
5 =
0 ~ +599
4 =
0 ~ +400
96 = 96(W) X 96(H) mm X mm
9 =
0 ~ +999
6 =
0 ~ +600
Method of Setting
11 =
0 ~ +1199
12 =
0 ~ +1200
D = Digital Swith
Unit of Degree
A = Trimmer
F
= F
Method of Display
non = C
A = Analog Deviation Meter
Method of Control
D = Digital LED Display
S
= ON/OFF
N = Without Display
non = P+D ON/OFF
Type of Sensor
Alarm
PT = RTD PT-100
A
= With Stand-by / Over Heat Alarm
J = J Type Thermocouple
AH = With Stand-by / Over Heat Alarm
Non = K Type Thermocouple
& Heater Break Alarm
Method of Output
Non = Without Alarm
R = Relay (5A/250VAC)
V = Voltage (20mA/12V)
L = Linear (4~20mA)
Ex. TC - 4896 D A - PT - R 3 - F - S - A
2
2
5.8
21.0
30.0
40.0
3.5
2
7.5
25.0
3.0
10.0


Similar Part No. - TC-48DA-PT-R2-F-S-AH

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
TC-4896DA-PT-R3-F-S-A FOTEK-TC-4896DA-PT-R3-F-S-A Datasheet
3Mb / 10P
Temperature Controller
More results

Similar Description - TC-48DA-PT-R2-F-S-AH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3911 NSC-LM3911 Datasheet
210Kb / 8P
LM3911 Temperature Controller
logo
TOKO, Inc
TK11050 TOKO-TK11050 Datasheet
56Kb / 8P
TEMPERATURE CONTROLLER IC
TK11051 TOKO-TK11051 Datasheet
55Kb / 8P
TEMPERATURE CONTROLLER IC
logo
List of Unclassifed Man...
WHY5640 ETC-WHY5640 Datasheet
395Kb / 24P
Subminiature Temperature Controller
logo
Omron Electronics LLC
E5AX-P OMRON-E5AX-P Datasheet
162Kb / 14P
Temperature Controller
logo
Fuji Electric
EDS11-90B FUJI-EDS11-90B Datasheet
277Kb / 4P
DIGITAL TEMPERATURE CONTROLLER
logo
SELEC Controls Pvt. Ltd
TC533 SELEC-TC533 Datasheet
675Kb / 2P
Economic Temperature Controller
TC52 SELEC-TC52 Datasheet
433Kb / 1P
Analog Temperature Controller
TC513AX SELEC-TC513AX Datasheet
887Kb / 2P
Economic Temperature Controller
logo
FOTEK CONTROLS CO., LTD...
TC-4896DA-PT-R3-F-S-A FOTEK-TC-4896DA-PT-R3-F-S-A Datasheet
3Mb / 10P
Temperature Controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com