Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC-48AD-PT-R2-F-S-AH Datasheet(PDF) 2 Page - FOTEK CONTROLS CO., LTD.

Part # TC-48AD-PT-R2-F-S-AH
Description  Temperature Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOTEK [FOTEK CONTROLS CO., LTD.]
Direct Link  http://www.fotek.com.tw/index4.asp
Logo FOTEK - FOTEK CONTROLS CO., LTD.

TC-48AD-PT-R2-F-S-AH Datasheet(HTML) 2 Page - FOTEK CONTROLS CO., LTD.

  TC-48AD-PT-R2-F-S-AH Datasheet HTML 1Page - FOTEK CONTROLS CO., LTD. TC-48AD-PT-R2-F-S-AH Datasheet HTML 2Page - FOTEK CONTROLS CO., LTD. TC-48AD-PT-R2-F-S-AH Datasheet HTML 3Page - FOTEK CONTROLS CO., LTD. TC-48AD-PT-R2-F-S-AH Datasheet HTML 4Page - FOTEK CONTROLS CO., LTD. TC-48AD-PT-R2-F-S-AH Datasheet HTML 5Page - FOTEK CONTROLS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
10
Sensor Type
Output Method
Control Method
Proportion Band
Cycle Time
Manual Reset
Unit of Degree
Setting Method
Setting Range
Output Method
Setting Method
Setting Range
Output Method
Power Supply
Current Consumption
Insulation Resistance
Dielectrical Strength
Operating Temp./Hum
Vibration Resistance
Panel Thickness
K < CA > , J < IC > or PT-100
Relay< 5A / 250VAC >,Voltage < 20mA / 12V >,Linear < 4~20mA >
P+D ON/OFF , ON/OFF or Proportion
Appro 2.5% of F.S.
2 Sec or 20 Sec < ON+OFF >
Trimmer , Range
10
C or F
Trimmer ( AL )
0 ~ +50 , 0 ~ -50 or -50 ~ +50 of Setting Value
Relay , 0.5A/250VAC
Trimmer (HB)
0.5A~25A ; 1.0A~50A
Relay , 0.5A/250VAC
110 / 220 VAC
20%
50 / 60Hz
2.5VA max.
Over
50M
/500 VDC Between Power And Another Terminal
1.0~8.0mm
Over
2.5KV / 1min Between Power And Another Terminal
-20 C ~+60 C ; 35%~85% RH
10~55Hz / 1.5mm , 2Hrs in X.Y.Z Direction
Attachment
CT provided with Heater Break Alarm type only.
CT
General Data
AL Alarm
Al
HB Alarm
Hb
Electrical
Data
Mechanical
Data
9
6
6
7
8
9
10
7
8
9 10
5
5
4
4
3
3
1
1
With Cold Junction Compensation,
Suited to Operated at -20 C ~ +60 C
All type with Sensor Break Alarm LED.
With P+D Control to Control Temperature Easily.
High Accuracy of Displaying & Setting
Less than 0.5% of F.S.
With Stand-by/Over-heat Alarm.( Optioned ).
With Heater Break Alarm.( Optioned ).
-20 C ~ +60 C
P+D
0.5%
(
)
(
)
Guiding of Model
Product
Range of Setting
TC = Temperature Controller
Digital Switch
Trimmer
Outline
0 = -99 ~ + 99
05 = -50 ~
+50
48 = 48(W) X 48(H) mm X mm
1 =
0 ~ +199
1 =
0 ~ +100
4896 = 48(W) X 96(H) mm X mm
3 =
0 ~ +399
2 =
0 ~ +200
72 = 72(W) X 72(H) mm X mm
5 =
0 ~ +599
4 =
0 ~ +400
96 = 96(W) X 96(H) mm X mm
9 =
0 ~ +999
6 =
0 ~ +600
Method of Setting
11 =
0 ~ +1199
12 =
0 ~ +1200
D = Digital Swith
Unit of Degree
A = Trimmer
F
= F
Method of Display
non = C
A = Analog Deviation Meter
Method of Control
D = Digital LED Display
S
= ON/OFF
N = Without Display
non = P+D ON/OFF
Type of Sensor
Alarm
PT = RTD PT-100
A
= With Stand-by / Over Heat Alarm
J = J Type Thermocouple
AH = With Stand-by / Over Heat Alarm
Non = K Type Thermocouple
& Heater Break Alarm
Method of Output
Non = Without Alarm
R = Relay (5A/250VAC)
V = Voltage (20mA/12V)
L = Linear (4~20mA)
Ex. TC - 4896 D A - PT - R 3 - F - S - A
2
2
5.8
21.0
30.0
40.0
3.5
2
7.5
25.0
3.0
10.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com