| Electronic Components Datasheet Search |
|
GD25VE20CSIG Datasheet(PDF) 40 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25VE20CSIG Datasheet(HTML) 40 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
40 / 55 page ![]() Uniform Sector Dual and Quad Serial Flash GD25VE20C 40 Description Comment Add(H) (Byte) DW Add (Bit) Data Data (1-1-2) Fast Read Number of Wait states 0 0000b: Wait states (Dummy Clocks) not support 3CH 04:00 01000b 08H (1-1-2) Fast Read Number of Mode Bits 000b: Mode Bits not support 07:05 000b (1-1-2) Fast Read Opcode 3DH 15:08 3BH 3BH (1-2-2) Fast Read Number of Wait states 0 0000b: Wait states (Dummy Clocks) not support 3EH 20:16 00010b 42H (1-2-2) Fast Read Number of Mode Bits 000b: Mode Bits not support 23:21 010b (1-2-2) Fast Read Opcode 3FH 31:24 BBH BBH (2-2-2) Fast Read 0=not support 1=support 40H 00 0b EEH Unused 03:01 111b (4-4-4) Fast Read 0=not support 1=support 04 0b Unused 07:05 111b Unused 43H:41H 31:08 0xFFH 0xFFH Unused 45H:44H 15:00 0xFFH 0xFFH (2-2-2) Fast Read Number of Wait states 0 0000b: Wait states (Dummy Clocks) not support 46H 20:16 00000b 00H (2-2-2) Fast Read Number of Mode Bits 000b: Mode Bits not support 23:21 000b (2-2-2) Fast Read Opcode 47H 31:24 FFH FFH Unused 49H:48H 15:00 0xFFH 0xFFH (4-4-4) Fast Read Number of Wait states 0 0000b: Wait states (Dummy Clocks) not support 4AH 20:16 00000b 00H (4-4-4) Fast Read Number of Mode Bits 000b: Mode Bits not support 23:21 000b (4-4-4) Fast Read Opcode 4BH 31:24 FFH FFH Sector Type 1 Size Sector/block size=2^N bytes 0x00b: this sector type don’t exist 4CH 07:00 0CH 0CH Sector Type 1 erase Opcode 4DH 15:08 20H 20H Sector Type 2 Size Sector/block size=2^N bytes 0x00b: this sector type don’t exist 4EH 23:16 0FH 0FH Sector Type 2 erase Opcode 4FH 31:24 52H 52H Sector Type 3 Size Sector/block size=2^N bytes 0x00b: this sector type don’t exist 50H 07:00 10H 10H Sector Type 3 erase Opcode 51H 15:08 D8H D8H Sector Type 4 Size Sector/block size=2^N bytes 0x00b: this sector type don’t exist 52H 23:16 00H 00H Sector Type 4 erase Opcode 53H 31:24 FFH FFH |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |