Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD25VQ80C Datasheet(PDF) 54 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25VQ80C
Description  Uniform Sector Dual and Quad Serial Flash
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25VQ80C Datasheet(HTML) 54 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25VQ80C Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ80C Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ80C Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ80C Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ80C Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ80C Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ80C Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ80C Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ80C Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 54 / 55 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25VQ80C
54
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
All
2015-7-31
1.1
Modify DATA PROTECTION
P9
2015-8-3
1.2
Modify Command Read Security Registers (48H)
P35
2015-10-20
1.3
Modify Package USON8 (3*2mm, thickness 0.45mm)
Modify Package USON8 (4*3mm)
Modify AC CHARACTERISTICS: tCHCL Min.0.2 V/ns Change to 0.1
V/ns
tCLCH Min.0.2 V/ns Change to 0.1 V/ns
Modify POWER-ON TIMING: tPUW Min 1ms Change to 5ms
Modify Figure 40. Power-on Timing Sequence Diagram
P52
P53
P43
P44
P41
P41
2015-11-13
1.4
Modify AC CHARACTERISTICS: add tRST_R & tRST_P & tRST_E
Modify DC CHARACTERISTICS: Deep Power-Down Current
Modify POWER-ON TIMING: TVSL Min 10us Change to 5ms
Modify Package USON8 (2*3mm, thickness 0.45mm)
Modify General Description
P43
P41
P41
P52
P5
2016-04-27
1.5
Delete Chapter 8.3 of Rev. 1.4.
Delete “Output Short Circuit Current 200mA” in Chapter 8.3 (Rev. 1.5).
Modify VCC in Chapter 8.3 (Rev. 1.5) from
“-0.6 to VCC+0.4” to “-0.6 to
4.2”.
Modify VWI min. value in Table 6 from 1.9 to 1.5, and delete VWI typ.
Value
Modify Icc2 in DC CHARACTERISTICS from 0.1~1 to 1~5.
P41
P41
P41
P41
P43
2017-05-22
1.6
Modify SFDP
P40
2017-6-26
1.7
Modify Icc9 from 400-800uA to 0.6-1.2mA
Modify tw max. value from 30ms to 40ms
Modify tBE2 max. value from 0.6/0.8s to 0.6/1.2s
P43
P44
P44
2017-8-9
1.8
Modify tVSL from 5ms to 1.8ms
Modify VWI max value from 2.3V to 2.2V
Modify tSE max value from 150/300ms to 300ms
Modify tBE1 max value from 0.4/0.7s to 0.7s
Modify tBE2 max value from 0.6/1.2s to 1.2s
Update Ordering Information
Update the description of all packages
P41
P41
P45
P45
P45
P47-48
P49-53
2018-12-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com