Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSRT20060D Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # MSRT20060D
Description  Silicon Standard Recovery Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MSRT20060D Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MSRT20060D Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MSRT20060D Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MSRT20060D Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 600 V - 1000 V
IF(AV) = 200 A
Features
• High Surge Capability
Three Tower Package
• Isolation Type Package
• Not ESD Sensitive
Parameter
Symbol
Unit
Repetitive peak reverse voltage
VRRM
V
RMS reverse voltage
VRMS
V
DC blocking voltage
VDC
V
Operating temperature
Tj
°C
Storage temperature
Tstg
°C
Parameter
Symbol
Unit
Average forward current (per
leg)
IF(AV)
A
Maximum instantaneous
forward voltage (per leg)
μA
mA
Thermal characteristics
Maximum thermal resistance,
junction - case
(per leg)
RΘjc
°C/W
MSRT20060(A)D thru MSRT200100(A)D
• Types from 600 V to 1000 V V
RRM
• Electrically Isolated Base Plate
Silicon Standard
Recovery Diode
Maximum instantaneous
reverse current at rated DC
blocking voltage (per leg)
IR
VF
424
Conditions
V
Conditions
MSRT20060(A)D
MSRT20080(A)D
MSRT200100(A)D
800
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
IFM = 200 A, Tj = 25 °C
566
707
MSRT200100(A)D
1.1
10
10
-55 to 150
-55 to 150
-55 to 150
-55 to 150
-55 to 150
MSRT20060(A)D
MSRT20080(A)D
0.35
Maximum ratings, at Tj = 25 °C, unless otherwise specified
600
1000
1000
1.1
1.1
-55 to 150
5
5
5
800
600
10
Peak forward surge current
(per leg)
IFSM
TC = 140 °C
200
200
200
3000
A
0.35
0.35
Tj = 150 °C
Tj = 25 °C
tp = 8.3 ms, half sine
3000
3000
MSRT200XXAD
MSRT200XXADR
MSRT200XXD
MSRT200XXAD
MSRT200XXADR
MSRT200XXD
1
Oct. 2018
http://www.diodemodule.com/silicon_products/modules/msrt200100ad.pdf


Similar Part No. - MSRT20060D

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MSRT20060D GENESIC-MSRT20060D Datasheet
408Kb / 3P
Silicon Standard Recovery Diode
MSRT20060D GENESIC-MSRT20060D Datasheet
414Kb / 3P
High Surge Capability
More results

Similar Description - MSRT20060D

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
1N3208 GENESIC-1N3208_16 Datasheet
679Kb / 3P
Silicon Standard Recovery Diode
1N3212 GENESIC-1N3212_16 Datasheet
714Kb / 3P
Silicon Standard Recovery Diode
1N3765 GENESIC-1N3765_16 Datasheet
728Kb / 3P
Silicon Standard Recovery Diode
1N4588 GENESIC-1N4588_16 Datasheet
748Kb / 3P
Silicon Standard Recovery Diode
GKN7104 GENESIC-GKN7104_16 Datasheet
561Kb / 3P
Silicon Standard Recovery Diode
S25K GENESIC-S25K_16 Datasheet
784Kb / 3P
Silicon Standard Recovery Diode
S6K GENESIC-S6K_16 Datasheet
791Kb / 3P
Silicon Standard Recovery Diode
S16K GENESIC-S16K_16 Datasheet
782Kb / 3P
Silicon Standard Recovery Diode
S70B GENESIC-S70B_16 Datasheet
646Kb / 3P
Silicon Standard Recovery Diode
S85K GENESIC-S85K_16 Datasheet
611Kb / 3P
Silicon Standard Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com