Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FT18HL/835/ENV Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # FT18HL/835/ENV
Description  18 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

FT18HL/835/ENV Datasheet(HTML) 1 Page - Satco Products, Inc.

  FT18HL/835/ENV Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S8658
FT18HL/835/ENV
18 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11
base
Features
Non-integrated Pin Based CFL
Uses 75% less energy than equivalent incandescent lamps
TCLP compliant for low mercury
Meets RoHS standards
S8658
Item Number
Product Line
UPC
Voltage
Watts
Lamp Shape
Base
ANSI Base
S8658
HyGrade
045923086588
120
18
T5
2G11
2G11
Lamp Code
MOL In
Inches
Initial Lumens
Average Rated
Hours
Kelvin
Temp
Color
Pack
Package Type
FT18HL/835/ENV
9''
1300
12000
3500
Neutral White
10
Box
CRI
CEC Status
Hg Content
RoHS Compliant
UL or ETL Listed
Warranty
82
Lawful for sale in California
3.5 mg
Yes
Yes
2 Year Limited


Similar Part No. - FT18HL/835/ENV

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
FT18HL/830/ENV SATCO-FT18HL/830/ENV Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
More results

Similar Description - FT18HL/835/ENV

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S2965 SATCO-S2965 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S6758 SATCO-S6758 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S6764 SATCO-S6764 Datasheet
122Kb / 1P
36 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S6767 SATCO-S6767 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S6770 SATCO-S6770 Datasheet
122Kb / 1P
55 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S8657 SATCO-S8657 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S8661 SATCO-S8661 Datasheet
122Kb / 1P
24 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S8664 SATCO-S8664 Datasheet
122Kb / 1P
36 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S8667 SATCO-S8667 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S8670 SATCO-S8670 Datasheet
122Kb / 1P
55 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com