Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FT18HL/841/ENV Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # FT18HL/841/ENV
Description  18 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

FT18HL/841/ENV Datasheet(HTML) 1 Page - Satco Products, Inc.

  FT18HL/841/ENV Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S8659
FT18HL/841/ENV
18 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11
base
Features
Non-integrated Pin Based CFL
Uses 75% less energy than equivalent incandescent lamps
TCLP compliant for low mercury
Meets RoHS standards
S8659
Item Number
Product Line
UPC
Voltage
Watts
Lamp Shape
Base
ANSI Base
S8659
HyGrade
045923086595
120
18
T5
2G11
2G11
Lamp Code
MOL In
Inches
Initial Lumens
Average Rated
Hours
Kelvin Temp
Color
Pack
Package Type
FT18HL/841/ENV
9''
1300
12000
4100
Cool White
10
Box
CRI
CEC Status
Hg Content
RoHS Compliant
UL or ETL Listed
Warranty
82
Lawful for sale in California
3.5 mg
Yes
Yes
2 Year Limited


Similar Part No. - FT18HL/841/ENV

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
FT18HL/830/ENV SATCO-FT18HL/830/ENV Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
FT18HL/835/ENV SATCO-FT18HL/835/ENV Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
More results

Similar Description - FT18HL/841/ENV

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S2966 SATCO-S2966 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S6759 SATCO-S6759 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S6762 SATCO-S6762 Datasheet
122Kb / 1P
24 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S6765 SATCO-S6765 Datasheet
122Kb / 1P
36 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S6768 SATCO-S6768 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S6771 SATCO-S6771 Datasheet
122Kb / 1P
55 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S8662 SATCO-S8662 Datasheet
122Kb / 1P
24 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S8665 SATCO-S8665 Datasheet
122Kb / 1P
36 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S8668 SATCO-S8668 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S8671 SATCO-S8671 Datasheet
122Kb / 1P
55 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com