Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC-HF12BMM-QL Datasheet(PDF) 3 Page - DATEL, Inc.

Part # DAC-HF12BMM-QL
Description  Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

DAC-HF12BMM-QL Datasheet(HTML) 3 Page - DATEL, Inc.

  DAC-HF12BMM-QL Datasheet HTML 1Page - DATEL, Inc. DAC-HF12BMM-QL Datasheet HTML 2Page - DATEL, Inc. DAC-HF12BMM-QL Datasheet HTML 3Page - DATEL, Inc. DAC-HF12BMM-QL Datasheet HTML 4Page - DATEL, Inc. DAC-HF12BMM-QL Datasheet HTML 5Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CALIBRATION PROCEDURE
Unipolar Output Current
1. Connect the converter as shown in Figure 2.
2. Set all inputs low and adjust the ZERO ADJUST potentiometer for a reading
of 0V at the output.
3. Set all inputs high and adjust the GAIN ADJUST potentiometer for a read-
ing of –F.S. + 1LSB (See Table 1).
Bipolar Output Current
1. Connect the converter as shown in Figure 3.
2. Set all inputs low and adjust the OFFSET ADJUST and LOAD potentiometer
for an output reading of +F.S. (See Table 2).
3. Set all inputs high and adjust the GAIN ADJUST potentiometer for an
output reading of –F.S. + 1LSB (See Table 2).
Table 3. Programmable Output Range Pin Connections
OUTPUT VOLTAGE
RANGE
FEEDBACK
CONNECTIONS
CONNECT THESE
PINS TOGETHER
0 to –5V
PIN 19
PIN 17 to PIN 18 / PIN 20 to PIN 23
0 to –10V
PIN 19
PIN 20 to PIN 23
±2.5V
PIN 19
PIN 17 to PIN 18 / PIN 20 to PIN 18
±5V
PIN 19
PIN 20 to PIN 18
±10V
PIN 17
PIN 20 to PIN 18
Table 1. 12-Bit Unipolar Output Coding
UNIPOLAR SCALE
INPUT CODING
STRAIGHT BINARY
ANALOG OUTPUT
0 TO 1V F.S. 0 TO –5V F.S. 0 TO –10V F.S.
–F.S. + 1LSB
1111 1111 1111
+0.9998V
–4.9988V
–9.9976V
–3/4F.S.
1100 0000 0000
+0.7500V
–3.7500V
–7.5000V
–1/2F.S.
1000 0000 0000
+0.5000V
–2.5000V
–5.0000V
–1/4F.S.
0100 0000 0000
+2.5000V
–1.2500V
–2.5000V
–1LSB
0000 0000 0001
+0.0002V
–0.0012V
–0.0024V
0
0000 0000 0000
0.0000V
0.0000V
0.0000V
Table 2. 12-Bit Bipolar Output Coding
BIPOLAR
SCALE
INPUT CODING
OFFSET BINARY
ANALOG OUTPUT
±0.5V F.S.
±2.5V F.S.
±5V F.S.
±10V F.S.
–F.S. + 1LSB
1111 1111 1111
+0.4998V
–2.4988V
–4.9976V
–9.9951V
–1/2F.S.
1100 0000 0000
+0.1250V
–1.2500V
–2.5000V
–5.0000V
–1LSB
1000 0000 0001
+0.0002V
–0.0012V
–0.0024V
–0.0049V
0
1000 0000 0000
0.0000V
0.0000V
0.0000V
0.0000V
+1/2F.S.
0100 0000 0000
–0.1250V
+1.2500V
+2.5000V
+5.0000V
+F.S. – 1LSB
0000 0000 0001
–0.4998V
+2.4988V
+4.9976V
+9.9951V
+F.S.
0000 0000 0000
–0.5000V
+2.5000V
+5.0000V
+10.0000V
Figure 2. DAC-HF Calibration Circuit
1μF
+
100
2M
+
BIT 1
OUTPUT
I
+15V
GAIN
ADJUST
BIT 12
12
1
24
23
22
20
21
16
15
14
13
19
17
18
OUT
0.1μF
–15V
1μF
0.1μF
ZERO
ADJUST
25k
–15V
+15V
400 LOAD
(FOR 0 TO
+1V FS)
Figure 3. Bipolar Current Output Connections
1μF
+
+
BIT 1
OUTPUT
I
+15V
BIT 12
12
1
24
23
22
20
21
16
15
14
13
19
17
18
OUT
0.1μF
–15V
1μF
0.1μF
100
OFFSET
ADJUST
100
GAIN
ADJUST
LOAD
(444 NOMINAL)
(FOR 0 TO ±0.5V FS)
200
370
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 USA • Tel: (508) 339-3000 • www.datel.com • e-mail: help@datel.com
DAC-HF
Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
MDA_DAC-HF.B05 Page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com